Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 3 Page - Texas Instruments

  INA220 Datasheet HTML 1Page - Texas Instruments INA220 Datasheet HTML 2Page - Texas Instruments INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
IN+
IN-
GND
V
S
VBUS
SCL
1
2
3
4
5
10
9
8
7
6
A1
A0
SDA
NC
3
INA220
www.ti.com
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
5 Related Products
DEVICE
DESCRIPTION
INA209
Current/power monitor with watchdog, peak-hold, and fast comparator functions
INA210, INA211, INA212, INA213, INA214
Zero-drift, low-cost, analog current shunt monitor series in small package
INA219
Zero-drift, bidirectional current power monitor with two-wire interface
6 Pin Configuration and Functions
DGS Package
10-PIN VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A1
1
Digital Input
Address pin. Connect to GND, SCL, SDA, or VS. Table 1 shows pin settings and corresponding addresses.
A0
2
Digital Input
Address pin. Connect to GND, SCL, SDA, or VS. Table 1 shows pin settings and corresponding addresses.
NC
3
—
No internal connection
SDA
4
Digital I/O
Serial bus data line
SCL
5
Digital Input
Serial bus clock line
VS
6
Analog
Power supply, 3 V to 5.5 V
GND
7
Analog
Ground
VBUS
8
Analog Input
Bus voltage input
IN–
9
Analog Input
Negative differential shunt voltage. Connect to negative side of shunt resistor. Bus voltage is measured
from this pin to ground.
IN+
10
Analog Input
Positive differential shunt voltage. Connect to positive side of shunt resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com