Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA220 Datasheet HTML 13Page - Texas Instruments INA220 Datasheet HTML 14Page - Texas Instruments INA220 Datasheet HTML 15Page - Texas Instruments INA220 Datasheet HTML 16Page - Texas Instruments INA220 Datasheet HTML 17Page - Texas Instruments INA220 Datasheet HTML 18Page - Texas Instruments INA220 Datasheet HTML 19Page - Texas Instruments INA220 Datasheet HTML 20Page - Texas Instruments INA220 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
INA220
www.ti.com
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Values based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not ensured and not
production tested. Condition: A0=A1=0.
(1)
Type: R = Read only, R/W = Read/Write.
(2)
The Power register and Current register default to 0 because the Calibration register defaults to 0, yielding a zero current value until the
Calibration register is programmed.
8.5.5.1 High-Speed Two-Wire Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup devices. The master generates a
start condition followed by a valid serial byte containing high-speed (HS) master code 00001XXX. This
transmission is made in fast (400 kbps) or standard (100 kbps) (F/S) mode at no more than 400 kbps. The
INA220 does not acknowledge the HS master code, but does recognize it and switches its internal filters to
support 2.56-Mbps operation.
The master then generates a repeated start condition (a repeated start condition has the same timing as the start
condition). After this repeated start condition, the protocol is the same as F/S mode, except that transmission
speeds up to 2.56 Mbps are allowed. Instead of using a stop condition, repeated start conditions should be used
to secure the bus in HS-mode. A STOP condition ends the HS-mode and switches all the internal filters of the
INA220 to support the F/S mode. See Bus Timing Diagram Definitions(1) and Figure 1 for timing.
8.5.5.2 Power-Up Conditions
Power-up conditions apply to a software reset through the RST bit (bit 15) in the Configuration register, or the I2C
bus General Call Reset.
8.6 Register Maps
8.6.1 Register Information
The INA220 uses a bank of registers for holding configuration settings, measurement results, and status
information. Table 2 summarizes the INA220 registers; Functional Block Diagram illustrates the registers.
Register contents are updated 4
μs after completion of the write command. Therefore, a 4-μs delay is required
between completion of a write to a given register and a subsequent read of that register (without changing the
pointer) when using SCL frequencies in excess of 1 MHz.
Table 2. Summary of Register Set
POINTER
ADDRESS
REGISTER NAME
FUNCTION
POWER-ON RESET
TYPE(1)
HEX
BINARY
HEX
00
Configuration
All-register reset, settings for bus
voltage range, PGA gain, ADC
resolution/averaging.
00111001 10011111
399F
R/W
01
Shunt voltage
Shunt voltage measurement data.
Shunt voltage
—
R
02
Bus voltage
Bus voltage measurement data.
Bus voltage
—
R
03
Power(2)
Power measurement data.
00000000 00000000
0000
R
04
Current(2)
Contains the value of the current flowing
through the shunt resistor.
00000000 00000000
0000
R
05
Calibration
Sets full-scale range and LSB of current
and power measurements. Overall
system calibration.
00000000 00000000
0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com