Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments INA220 Datasheet HTML 12Page - Texas Instruments INA220 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADC
´
´
ShuntVoltage
Channel
BusVoltage
Channel
PGA
(InConfigurationRegister)
ShuntVoltage
(1)
DataRegisters
Full-ScaleCalibration
(2)
Current
(1)
BusVoltage
(1)
Power
(1)
NOTES:
(1)Read-only
(2)Read/write
9
INA220
www.ti.com
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA220 is a digital current sense amplifier with an I2C- and SMBus-compatible interface. It provides digital
current, voltage, and power readings necessary for accurate decision-making in precisely-controlled systems.
Programmable registers allow flexible configuration for measurement resolution as well as continuous-versus-
triggered operation. Detailed register information appears at the end of this data sheet, beginning with Table 2.
See Functional Block Diagram for a block diagram of the INA220 device.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Basic ADC Functions
The two analog inputs to the INA220, IN+ and IN–, connect to a shunt resistor in the bus of interest. Bus voltage
is measured at VBUS pin. The INA220 is typically powered by a separate supply from 3 to 5.5 V. The bus being
sensed can vary from 0 to 26 V. It requires no special considerations for power-supply sequencing (for example,
a bus voltage can be present with the supply voltage off, and vice-versa). The INA220 senses the small drop
across the shunt for shunt voltage, and senses the voltage with respect to ground from VBUS pin for the bus
voltage.
When the INA220 is in the normal operating mode (that is, MODE bits of the Configuration register are set to
111), it continuously converts the shunt voltage up to the number set in the shunt voltage averaging function
(Configuration register, SADC bits). The device then converts the bus voltage up to the number set in the bus
voltage averaging (Configuration register, BADC bits). The Mode control in the Configuration register also
permits selecting modes to convert only voltage or current, either continuously or in response to an event
(triggered).
All current and power calculations are performed in the background and do not contribute to conversion time;
conversion times shown in Electrical Characteristics can be used to determine the actual conversion time.
Power-down mode reduces the quiescent current and turns off current into the INA220 inputs, avoiding any
supply drain. Full recovery from power-down requires 40
μs. ADC off mode (set by the Configuration register,
MODE bits) stops all conversions.
In triggered mode, writing any of the triggered convert modes into the Configuration register (even if the desired
mode is already programmed into the register) triggers a single-shot conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com