Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 21Page - Texas Instruments ADS5474IPFPR Datasheet HTML 22Page - Texas Instruments ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments ADS5474IPFPR Datasheet HTML 24Page - Texas Instruments ADS5474IPFPR Datasheet HTML 25Page - Texas Instruments ADS5474IPFPR Datasheet HTML 26Page - Texas Instruments ADS5474IPFPR Datasheet HTML 27Page - Texas Instruments ADS5474IPFPR Datasheet HTML 28Page - Texas Instruments ADS5474IPFPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
[
]
20 log(2
)
Jitter
IN
Jitter
SNR
dBc
f
t
p
= -
´
´
´
_
2
2
2
[
]
20 log (10
)
(10
)
(10
)
20
20
20
ThermalNoise
Jitter
Quantization Noise
ADC
SNR
SNR
SNR
SNR
dBc = -
´
-
+
-
+
-
1.76 (6.02
)
MAX
SNR
N
=
+
´
Clock Buffer
CLKINP
CLKINN
R
T
R
T
0.1 µF
0.1 µF
0.1 µF
ADS5474
www.ti.com
SLAS525C – JULY 2007 – REVISED JANUARY 2016
Typical Applications (continued)
Figure 44. Recommended Differential Clock Driving Circuit
8.2.1 Design Requirements
The ADS5474 requires a fully differential analog input with a full-scale range not to exceed 2.2-V peak to peak
differential, biased to a common mode voltage of 3.1 V. In addition the input circuit must provide proper
transmission line termination (or proper load resistors in an amplifier-based solution) so the input of the
impedance of the ADC analog inputs should be considered as well.
The ADS5474 is capable of a typical SNR of 70.1 dBFS for input frequencies of about 130 MHz, which is well
under the Nyquist limit for this ADC operating at 400 Msps. The amplifier and clocking solution will have a direct
impact on performance in terms of SNR, so the amplifier and clocking solution should be selected such that the
SNR performance of at least 69 dBFS is preserved.
8.2.2 Detailed Design Procedure
The ADS5474 has a max sample rate of 400 MHz and an input bandwidth of approximately 1440 MHz, but an
application involving the first Nyquist zone is being considered, therefore limit the frequency bandwidth here to be
under 200 MHz.
8.2.2.1 Clocking source for ADC5474
The signal to noise ratio of the ADC is limited by three different factors: the quantization noise, the thermal noise,
and the total jitter of the sample clock. Quantization noise is driven by the resolution of the ADC, which is 14 bits
for the ADS5474. Thermal noise is typically not noticeable in high speed pipelined converters such as the
ADS5474, but may be estimated by looking at the signal to noise ratio of the ADC with very low input frequencies
and using Equation 1 to solve for thermal noise. (For this estimation, we will look to the ADS5474 datasheet and
take the specified SNR for the lowest frequency listed. The lowest input frequency listed for the ADS5474 is at 30
MHz, and the SNR at that frequency is 70.3 dB, so we will use 70.3 dB as our SNR limit due to thermal noise.
This is just an approximation, and the lower the input frequency that has an SNR specification the better this
approximation would be.) The thermal noise limits the SNR at low input frequencies while the clock jitter sets the
SNR for higher input frequencies.
Quantization noise is also a limiting factor for SNR, as the theoretical maximum achievable SNR as a function of
the number of bits of resolution is set by Equation 1.
where
•
N = number of bits resolution
(1)
For a 14-bit ADC, the maximum SNR = 1.76 + (6.02 × 14) = 86.04 dB. This is the number that we shall enter into
Equation 2 for quantization noise as we solve for total SNR for different amounts of clock jitter using Equation 2.
(2)
The SNR limitation due to sample clock jitter can be calculated using Equation 3:
(3)
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com