Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments ADS5474IPFPR Datasheet HTML 24Page - Texas Instruments ADS5474IPFPR Datasheet HTML 25Page - Texas Instruments ADS5474IPFPR Datasheet HTML 26Page - Texas Instruments ADS5474IPFPR Datasheet HTML 27Page - Texas Instruments ADS5474IPFPR Datasheet HTML 28Page - Texas Instruments ADS5474IPFPR Datasheet HTML 29Page - Texas Instruments ADS5474IPFPR Datasheet HTML 30Page - Texas Instruments ADS5474IPFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Fin (MHz)
10
20 30
50 70 100
200 300 500
1000 2000
5000
55
57
59
61
63
65
67
69
71
73
75
D001
35 fs
50 fs
100 fs
150 fs
200 fs
2
2
10 log(
)
20 log(
)
O
O
AMP
Filter
FILTEROUT
FILTEROUT
V
V
SNR
E
E
+
=
´
=
´
ADS5474
www.ti.com
SLAS525C – JULY 2007 – REVISED JANUARY 2016
Typical Applications (continued)
where
•
EFILTEROUT = ENAMPOUT × √ENB
•
ENAMPOUT = the output noise density of the LMH3401 (3.4 nV / √Hz)
•
ENB = the brick-wall equivalent noise bandwidth of the filter
•
VO = the amplifier output signal. (which will be full scale input of the ADC expressed in rms)
(6)
In Equation 6, the parameters of the equation can be seen to be in terms of signal amplitude in the numerator
and amplifier noise in the denominator, or SNR. For the numerator, use the full scale voltage specification of the
ADS5474, or 2.2 V peal to peak differential. Because Equation 6 requires the signal voltage to be in rms, convert
2.2 V p-p to 0.7766 V rms.
The noise specification for the LMH3401 is listed as 3.4 (nV /
√Hz), so we will use this value to integrate the
noise component from DC out to the filter cutoff, using the equivalent brick wall filter of 200 MHz × 1.57, or 314
MHz. 3.4 (nV /
√Hz) × 314 MHz yields 60248 nV, or 60.25 µV.
Using 0.7766 V rms for VO and 60.25 µV for Efilterout, the SNR of the amplifier and filter as given by Equation 6 is
approximately 82.2 dB.
Taking the SNR of the ADC as 69.2 dB from Figure 45, and SNR of the amplifier and filter as 82.2 dB,
Equation 5 predicts the system SNR to be 68.99 dB. In other words, the SNR of the ADC and the SNR of the
front end combine as the square root of the sum of squares, and since the SNR of the amplifier front end is seen
to be much greater than the SNR of the ADC in this example, the SNR of the ADC dominates Equation 5 and the
system SNR is seen to be nearly the SNR of the ADC itself. We assumed our design requirement to be 69 dB,
and after a clocking solution was chosen and an amplifier/filter solution was chosen we have a predicted SNR of
68.99 dB. If we deem 68.99 dB to not be close enough, or wish to have some margin in the design, then either
improving the clock jitter from 100 fs to 50 fs, or replacing the first order filter with a second order filter would get
the predicted system SNR above the 69-dB design requirement.
8.2.3 Application Curves
Figure 45 shows the SNR of the ADC as a function of clock jitter and input frequency for the ADS5474. This plot
of curves take into account the aperture jitter of the ADC, the number of bits of resolution, and the thermal noise
estimation so that the figure may be used to predict SNR for a given input frequency and external clock jitter.
This figure then may be used to set the jitter requirement for the clocking solution for a given input bandwidth
and given design goal for SNR.
Figure 45. SNR vs Input Frequency and External Clock Jitter
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com