Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5474IPFPR Datasheet HTML 22Page - Texas Instruments ADS5474IPFPR Datasheet HTML 23Page - Texas Instruments ADS5474IPFPR Datasheet HTML 24Page - Texas Instruments ADS5474IPFPR Datasheet HTML 25Page - Texas Instruments ADS5474IPFPR Datasheet HTML 26Page - Texas Instruments ADS5474IPFPR Datasheet HTML 27Page - Texas Instruments ADS5474IPFPR Datasheet HTML 28Page - Texas Instruments ADS5474IPFPR Datasheet HTML 29Page - Texas Instruments ADS5474IPFPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
2
2
20
20
20 log (10
)
(10
)
ADC
AMP Filter
SNR
SNR
System
SNR
+
-
-
= -
´
+
2
2
,
.
_
_
(
)
(
)
Jitter
Jitter Ext CLock
Input
Aperture
ADC
T
T
T
=
+
ADS5474
SLAS525C – JULY 2007 – REVISED JANUARY 2016
www.ti.com
Typical Applications (continued)
The clock jitter in Equation 3 is the total amount of clock jitter, whether the jitter source is internal to the ADC
itself or external due to the clocking source. The total clock jitter (tJitter) has two components – the internal
aperture jitter (103 fs for ADS5474) which is set by the noise of the clock input buffer, and the external clock jitter
from the clocking source and all associated buffering of the clock signal. Total clock jitter can be calculated from
the aperture jitter and the external clock jitter as in Equation 4.
(4)
External clock jitter can be minimized by using high quality clock sources and jitter cleaners as well as bandpass
filters at the clock input while a faster clock slew rate may at times also improve the ADC aperture jitter slightly.
The ADS5474 has an internal aperture jitter of 103 fs, which is largely fixed. The SNR depending on the amount
of external jitter for different input frequencies is shown in Figure 45. Often the design requirements will list a
target SNR for a system, and Equation 1 through Equation 3 are then used to calculate the external clock jitter
needed from the clocking solution to meet the system objectives.
Figure 45 shows that with an external clock jitter of 100 fs rms, the expected SNR of the ADS5474 would be
greater than 69 dBFS at an input tone of 200 MHz, which is the Nyquist limit. Having less external clock jitter
such as 35 fs rms or even 50 fs rms would result in an SNR that would exceed our design target, but at possibly
the expense of a more costly clocking solution. Having external clock jitter of 150 fs rms or more would fail to
meet the design target.
8.2.2.2 Amplifier Selection
The amplifier and any input filtering will have its own SNR performance, and the SNR performance of the
amplifier front end will combine with the SNR of the ADC itself to yield a system SNR that is less than that of the
ADC itself. System SNR can be calculated from the SNR of the amplifier conditioning circuit and the overall ADC
SNR as in Equation 5. In Equation 5, the SNR of the ADC would be the value derived from the datasheet
specifications and the clocking derivation presented in the previous section.
(5)
The signal-to-noise ratio (SNR) of the amplifier and filter can be calculated from the noise specifications in the
datasheet for the amplifier, the amplitude of the signal, and the bandwidth of the filter. The noise from the
amplifier is band-limited by the filter and the rolloff of the filter will depend on the order of the filter, therefore the
user should replace the filter rolloff with an equivalent brick-wall filter bandwidth. For example, a first order filter
may be approximated by a brick-wall filter with bandwidth of 1.57 times the bandwidth of the first order filter. We
will assume a first order filter for this design. The amplifier and filter noise can be calculated using Equation 6:
26
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com