Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPR
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5474IPFPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS5474IPFPR Datasheet HTML 1Page - Texas Instruments ADS5474IPFPR Datasheet HTML 2Page - Texas Instruments ADS5474IPFPR Datasheet HTML 3Page - Texas Instruments ADS5474IPFPR Datasheet HTML 4Page - Texas Instruments ADS5474IPFPR Datasheet HTML 5Page - Texas Instruments ADS5474IPFPR Datasheet HTML 6Page - Texas Instruments ADS5474IPFPR Datasheet HTML 7Page - Texas Instruments ADS5474IPFPR Datasheet HTML 8Page - Texas Instruments ADS5474IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Reference
Timing
CLK
OVR
D[13:0]
CLK
6
DRY
VREF
VIN
VIN
TH1
5
5
S
DAC2
ADC2
ADC3
S
DAC1
ADC1
DigitalErrorCorrection
+
–
+
–
DRY
OVR
A1
TH2
A2
A3
TH3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS5474
SLAS525C – JULY 2007 – REVISED JANUARY 2016
ADS5474 14-Bit, 400-MSPS Analog-to-Digital Converter
1 Features
3 Description
The ADS5474 device is a 14-bit, 400-MSPS analog-
1
•
400-MSPS Sample Rate
to-digital converter (ADC) that operates from both a
•
14-Bit Resolution, 11.2-Bits ENOB
5-V supply and 3.3-V supply while providing LVDS-
•
1.4-GHz Input Bandwidth
compatible digital outputs. This ADC is one of a
family of 12-, 13-, and 14-bit ADCs that operate from
•
80-dBc SFDR at 230 MHz and 400 MSPS
210 MSPS to 500 MSPS. The ADS5474 device has
•
69.8-dBFS SNR at 230 MHz and 400 MSPS
an input buffer that isolates the internal switching of
•
2.2-VPP Differential Input Voltage
the onboard track and hold (T&H) from disturbing the
signal source while providing a high-impedance input.
•
LVDS-Compatible Outputs
An internal reference generator is also provided to
•
2.5-W Total Power Dissipation
simplify the system design.
•
50-mW Power Down Mode
Designed with a 1.4-GHz input bandwidth for the
•
Offset Binary Output Format
conversion of wide-bandwidth signals that exceed
•
Output Data Transitions on the Rising and Falling
400 MHz of input frequency at 400 MSPS, the
Edges of a Half-Rate Output Clock
ADS5474
device
has
outstanding
low-noise
performance and spurious-free dynamic range over a
•
On-Chip Analog Buffer, Track-and-Hold, and
large input frequency range.
Reference Circuit
•
HTQFP-80 PowerPAD™ Package
The ADS5474 device is available in an TQFP-80
(14 mm × 14 mm footprint)
PowerPAD package. The device is built on Texas
Instruments complementary bipolar process (BiCom3)
•
Industrial Temperature Range:
and is specified over the full industrial temperature
–40°C to +85°C
range (–40°C to +85°C).
•
Pin-Similar/Compatible with 12-, 13-, and 14-Bit
Family: ADS5463 and ADS5440/ADS5444
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
ADS5474
HTQFP (80)
12.00 mm x 12.00 mm
•
Test and Measurement Instrumentation
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Software-Defined Radio
•
Data Acquisition
•
Power Amplifier Linearization
•
Communication Instrumentation
•
Radar
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS5474IPFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474IPFPR TI-ADS5474IPFPR Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474IPFPR TI-ADS5474IPFPR Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474IPFPR TI1-ADS5474IPFPR Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474IPFPRG4 TI-ADS5474IPFPRG4 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474IPFPRG4 TI-ADS5474IPFPRG4 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5474IPFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com