Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 59 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 59 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 55Page - STMicroelectronics VS6955CA Datasheet HTML 56Page - STMicroelectronics VS6955CA Datasheet HTML 57Page - STMicroelectronics VS6955CA Datasheet HTML 58Page - STMicroelectronics VS6955CA Datasheet HTML 59Page - STMicroelectronics VS6955CA Datasheet HTML 60Page - STMicroelectronics VS6955CA Datasheet HTML 61Page - STMicroelectronics VS6955CA Datasheet HTML 62Page - STMicroelectronics VS6955CA Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
DocID028071 Rev 2
59/90
VS6955CA
Video timing
73
Figure 21. Output size within a CCP data frame
Note:
CCP2 requires that the CCP output active line length (between start and end sync codes)
for RAW8 is a multiple of 4 and for RAW10 is a multiple of 16.
CSI-2 requires that RAW8 is a multiple of 2 pixels (actual definition is 1 pixel but 2 are
required to preserve the Bayer pattern) and RAW10 is a multiple of 4 pixels (40 bits).
The host must control the x_output_size to ensure that the CCP output active line length
meets the above criteria.
7.1.8
PLL block
The VS6955CA contains a phase locked loop (PLL) block, which generates all the
necessary internal clocks from the external clock input. Changes to the PLL settings on the
VS6955CA are only consumed on the software standby to streaming mode transition.
Figure 22 shows the internal functional blocks, which define the relationship between the
external input clock frequency and the pixel clock frequency.
The majority of the logic within the device is clocked by vt_sys_clk however the CCI block is
clocked by the external input clock.
CCP output active line length
Interframe padding
x_output_size
Output data
FE
FS
Embedded data lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com