Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 74 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 74 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 70Page - STMicroelectronics VS6955CA Datasheet HTML 71Page - STMicroelectronics VS6955CA Datasheet HTML 72Page - STMicroelectronics VS6955CA Datasheet HTML 73Page - STMicroelectronics VS6955CA Datasheet HTML 74Page - STMicroelectronics VS6955CA Datasheet HTML 75Page - STMicroelectronics VS6955CA Datasheet HTML 76Page - STMicroelectronics VS6955CA Datasheet HTML 77Page - STMicroelectronics VS6955CA Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
Electrical characteristics
VS6955CA
74/90
DocID028071 Rev 2
10
Electrical characteristics
10.1
Absolute maximum ratings
Caution:
Stresses above those listed under “Absolute maximum ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of the
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Table 41. Absolute maximum ratings
Symbol
Parameter
Minimum
Maximum
Unit
VDIGMAX
Digital power supply
-0.5
2.2
V
VANAMAX
Analog power supply
-0.5
3.2
V
VIHMAX
CCI signals, system clock input
-0.5
2.2
V
TSTO
Storage temperature
-40
+85(1)
1.
This is a maximum long term standard storage temperature, see soldering profile for short term high
temperature tolerance.
oC
VESD
Electrostatic discharge model
Human body model
Charge device model(2)
2.
CDM tests are performed in compliance with JESD22-C101D.
-2.0
-250
2.0
250
kV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com