Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 19 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 15Page - STMicroelectronics VS6955CA Datasheet HTML 16Page - STMicroelectronics VS6955CA Datasheet HTML 17Page - STMicroelectronics VS6955CA Datasheet HTML 18Page - STMicroelectronics VS6955CA Datasheet HTML 19Page - STMicroelectronics VS6955CA Datasheet HTML 20Page - STMicroelectronics VS6955CA Datasheet HTML 21Page - STMicroelectronics VS6955CA Datasheet HTML 22Page - STMicroelectronics VS6955CA Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
DocID028071 Rev 2
19/90
VS6955CA
Functional description
21
3.4
Internal power-on reset (POR)
The VS6955CA internally performs a power-on reset (POR) when the 1V2 VDD digital
supply rises through the trigger level, Vtrig_rising. Similarly, if the 1V2 VDD digital power
supply falls through the trigger level, Vtrig_falling, then the power-on reset also triggers.
Definitions
Figure 8. POR timing
Rise threshold voltage (VTRIGR)
This is the supply voltage level that is recognized by the
POR as voltage “HIGH”. Only after the supply reaches
this level does the output of POR change to high level if
it is off, after a specified amount of delay.
Fall threshold voltage (VTRIGF)
This is the supply voltage level that is recognized by the
POR as voltage “LOW”. Only after the supply reaches
this level does the output of POR change to low
(ground) level if it is on.
Burst width (pw)
Burst is the negative pulse riding the supply signal. The
burst width is measured as the amount of duration for
which the supply signal dropped beyond the threshold
levels.
Delay duration (TPOR)
Delay duration is defined as the time duration for which
POR stays off before re-powering. Each reset of POR
imparts a specified delay duration before POR re-
powers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com