Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 35 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 31Page - STMicroelectronics VS6955CA Datasheet HTML 32Page - STMicroelectronics VS6955CA Datasheet HTML 33Page - STMicroelectronics VS6955CA Datasheet HTML 34Page - STMicroelectronics VS6955CA Datasheet HTML 35Page - STMicroelectronics VS6955CA Datasheet HTML 36Page - STMicroelectronics VS6955CA Datasheet HTML 37Page - STMicroelectronics VS6955CA Datasheet HTML 38Page - STMicroelectronics VS6955CA Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
DocID028071 Rev 2
35/90
VS6955CA
Camera control interface (CCI)
48
4.2.11
CSI2 registers [0x808]
4.2.12
DPHY registers [0x820 to 0x823]
4.2.13
Binning registers [0x900 to 0x902]
Table 19. CSI2 registers [0x808]
Index
Byte
Register name
Data
type
Default
Type
Comment
0808
dphy_ctrl
8UI
00
RW
CSI2 DPHY control
1 = Use UI control.
2 = Use register control.
Table 20. DPHY registers [0x820 to 0x823]
Index
Byte
Register name
Data
type
Default
Type
Comment
0820
Hi
dphy_channel_mbps_for_ui
32UR
00.00
00.00
RW
CSI2 DPHY requested (target)
channel rate in Mbps (16.16 fixed-
point representation)
This is used to calculate the DPHY
unit-interval (UI) value.
It does not control the sensor clock
setup, but should normally
correspond to those settings.
0 = Sensor automatically calculates
UI from host-programmed EXTCLK
and clock divider values and reports
in MAN_SPEC_DPHY__CLKLANE_
UIX4 register.
80-1000 = Sensor calculates UI from
Mbps value.
0821
3rd
0822
2nd
0823
Lo
Table 21. Binning registers [0x900 to 0x902]
Index
Byte
Register name
Data
type
Default
Type
Comment
0900
binning_mode
8UI
00
RW
Binning mode.
0 = Disabled
1 = Enabled
0901
binning_type
8UI
00
RW
High-nibble = Column binning factor.
High-nibble = Row binning factor.
0902
binning_weighting
8UI
00
RW
Binning weighting type:
0 = Averaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com