Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 47 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 43Page - STMicroelectronics VS6955CA Datasheet HTML 44Page - STMicroelectronics VS6955CA Datasheet HTML 45Page - STMicroelectronics VS6955CA Datasheet HTML 46Page - STMicroelectronics VS6955CA Datasheet HTML 47Page - STMicroelectronics VS6955CA Datasheet HTML 48Page - STMicroelectronics VS6955CA Datasheet HTML 49Page - STMicroelectronics VS6955CA Datasheet HTML 50Page - STMicroelectronics VS6955CA Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
DocID028071 Rev 2
47/90
VS6955CA
Camera control interface (CCI)
48
4.2.24
Binning capability registers [0x1700 to 0x1714]
Table 32. Binning capability registers [0x1700 to 0x1714]
Index
Byte
Register name
Data
type
Default
Type
Comment
1700
Hi
min_frame_length_lines_
bin
16UI
00
RO
Minimum frame length (lines)
allowed in binning mode.
1701
Lo
D9
1702
Hi
max_frame_length_lines_
bin
16UI
FF
RO
Maximum possible number of lines
per frame in binning mode.
1703
Lo
FF
1704
Hi
min_line_length_pck_bin
16UI
0A
RO
Minimum line length (pixel clocks)
allowed in binning mode.
1705
Lo
BE
1706
Hi
max_line_length_pck_bin
16UI
3F
RO
Maximum possible number of pixel
clocks per line in binning mode.
1707
Lo
FF
1708
Hi
min_line_blanking_pck_
bin
16UI
00
RO
Minimum line blanking time in pixel
clocks in binning mode.
1709
Lo
86
170A
Hi
fine_integration_time_
min_bin
16UI
02
RO
Minimum fine integration time
allowed in binning mode (in pixels).
170B
Lo
51
170C
Hi
fine_integration_time_
max_margin_bin
16UI
09
RO
Margin used to determine the
maximum fine integration time
allowed in binning mode (in pixels).
170D
Lo
D8
1710
binning_capability
8UI
01
RO
Binning supported
1711
binning_weighting_
capability
8UI
01
RO
Binning weighting capability:
Averaged weighting supported
1712
binning_sub_types
8UI
02
RO
Number of binning subtypes
available.
1713
binning_type_1
8UI
22
RO
Binning type is 2 x 2 (Col x Row).
1714
binning_type_2
8UI
44
RO
Binning type is 4 x 4 (Col x Row).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com