Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 32 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 28Page - STMicroelectronics VS6955CA Datasheet HTML 29Page - STMicroelectronics VS6955CA Datasheet HTML 30Page - STMicroelectronics VS6955CA Datasheet HTML 31Page - STMicroelectronics VS6955CA Datasheet HTML 32Page - STMicroelectronics VS6955CA Datasheet HTML 33Page - STMicroelectronics VS6955CA Datasheet HTML 34Page - STMicroelectronics VS6955CA Datasheet HTML 35Page - STMicroelectronics VS6955CA Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
Camera control interface (CCI)
VS6955CA
32/90
DocID028071 Rev 2
4.2.8
Scaler and digital crop registers [0x0400 to 0x040F]
0380
Hi
x_even_inc_req
16UI
00
01
RW
X address increment for even pixels.
0381
Lo
0382
Hi
x_odd_inc_req
16UI
00
01
RW
X address increment for odd pixels.
0383
Lo
0384
Hi
y_even_inc_req
16UI
00
01
RW
Y address increment for even lines.
0385
Lo
0386
Hi
y_odd_inc_req
16UI
00
01
RW
Y address increment for odd lines.
0387
Lo
Table 15. Video timing registers [0x0300 to 0x0387] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment
Table 16. Scaler and digital crop registers [0x0400 to 0x040F]
Index
Byte
Register name
Data
type
Default
Type
Comment
0400
Hi
scale_mode_req
16UI
00
00
RW
Scaling mode
0 = No scaling
1 = Horizontal scaling
0401
Lo
0402
Hi
scale_cosite_req
16UI
00
00
RW
Spatial sampling
0 = Bayer sampling
1 = Co-sited (2- or 4-component)
2 = Co-sited (3-component)
0403
Lo
0404
Hi
scale_m_req
16UI
00
10
RW
Down scale factor. M component.
0405
Lo
0406
Hi
scale_n
16UI
00
RO
Down scale factor. N component.
0407
Lo
10
0408
Hi
digital_crop_x_offset
16UI
00
RW
Offset from X-address of the top left
corner of the visible pixel data after
analog crop, bin and subsample.
Even numbers only (pixels).
0409
Lo
00
040A
Hi
digital_crop_y_offset
16UI
00
RW
Offset from Y-address of the top left
corner of the visible pixel data after
analog crop, bin and subsample.
Even numbers only (lines).
040B
Lo
00
040C
Hi
digital_crop_image_width
16UI
0A
RW
Image width after digital crop. Even
numbers only (pixels).
040D
Lo
28
040E
Hi
digital_crop_image_height
16UI
07
RW
Image height after digital crop. Even
numbers only (lines).
040F
Lo
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com