Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 65 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 65 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 61Page - STMicroelectronics VS6955CA Datasheet HTML 62Page - STMicroelectronics VS6955CA Datasheet HTML 63Page - STMicroelectronics VS6955CA Datasheet HTML 64Page - STMicroelectronics VS6955CA Datasheet HTML 65Page - STMicroelectronics VS6955CA Datasheet HTML 66Page - STMicroelectronics VS6955CA Datasheet HTML 67Page - STMicroelectronics VS6955CA Datasheet HTML 68Page - STMicroelectronics VS6955CA Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
DocID028071 Rev 2
65/90
VS6955CA
Video timing
73
7.4
Image compression
The objective of image compression is to reduce the required bandwidth in transmission
between the sensor and the host.
The key features of the DPCM/PCM compression algorithm are:
•
visually lossless
•
low cost implementation (no line memories are required)
•
fixed rate compression
The 10-bit to 8-bit DPCM/PCM image compression algorithm is supported by VS6955CA.
10-bit to 8-bit compression has the additional advantage that one pixel value equals
one byte of data.
The level of compression is controlled through the CSI_data_format register. The same
register is also used to enable and disable compression.
The compression_mode register is used to select which compression algorithm is used.
Currently only the DPCM/PCM technique is supported. Therefore the value of this register is
always 0x01.
The compression_capability register tells the host whether a sensor does or does not have
compression and if it has compression then what is the compression technique. Currently
only the DPCM/PCM technique is supported.
Also refer to section 10 of the SMIA1.0 specification document.
7.5
Exposure and gain control
VS6955CA does not contain any form of automatic exposure control. To produce a correctly
exposed image the integration period and analogue gain for the pixels must be calculated
by an exposure control algorithm implemented externally. The parameters are then written
to the VS6955CA through the CCI interface.
The exposure control parameters available on VS6955CA are:
•
fine integration time
•
coarse integration time
•
analog gain
•
digital gain
The exposure control parameter registers are defined in Section 4.2.6: Integration and gain
registers [0x0200 to 0x0215] on page 30.
Integration time and analogue gain capability registers should be used to determine the
exposure control parameter limits for a given video timing configuration. See Section 6.7 of
the SMIA 1.0 part 1 specification for more information on how to interpret the integration and
gain capability registers and how to calculate exposure and gain limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com