Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 25 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 21Page - STMicroelectronics VS6955CA Datasheet HTML 22Page - STMicroelectronics VS6955CA Datasheet HTML 23Page - STMicroelectronics VS6955CA Datasheet HTML 24Page - STMicroelectronics VS6955CA Datasheet HTML 25Page - STMicroelectronics VS6955CA Datasheet HTML 26Page - STMicroelectronics VS6955CA Datasheet HTML 27Page - STMicroelectronics VS6955CA Datasheet HTML 28Page - STMicroelectronics VS6955CA Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
DocID028071 Rev 2
25/90
VS6955CA
Camera control interface (CCI)
48
4.2.2
Frame format description registers [0x0040 to 0x0049]
For a full description of the frame format description refer to Section 6.1: Frame format on
page 49.
Table 10. Frame format description registers [0x0040 to 0x0049]
Index
Byte
Register name
Data
type
Default
Type
Comment
0040
frame_format_model_type
8UI
01
RO
Generic frame format.
0041
frame_format_model_
subtype
8UI
22
RO
Contains the number of 2-byte data
format descriptors used.
The upper nibble defines the number
of column descriptors.
The lower nibble defines the number
of row descriptors.
0042
Hi
frame_format_descriptor_0_
req
16UI
5A
RO
number of visible columns.
0043
Lo
28
0044
Hi
frame_format_descriptor_1
16UI
20
RO
8 dummy columns.
0045
Lo
08
0046
Hi
frame_format_descriptor_2
16UI
10
RO
3 embedded rows (SOF).
0047
Lo
03
0048
Hi
frame_format_descriptor_3_
req
16UI
57
RO
number of visible rows
0049
Lo
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com