Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 31 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 27Page - STMicroelectronics VS6955CA Datasheet HTML 28Page - STMicroelectronics VS6955CA Datasheet HTML 29Page - STMicroelectronics VS6955CA Datasheet HTML 30Page - STMicroelectronics VS6955CA Datasheet HTML 31Page - STMicroelectronics VS6955CA Datasheet HTML 32Page - STMicroelectronics VS6955CA Datasheet HTML 33Page - STMicroelectronics VS6955CA Datasheet HTML 34Page - STMicroelectronics VS6955CA Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
DocID028071 Rev 2
31/90
VS6955CA
Camera control interface (CCI)
48
4.2.7
Video timing registers [0x0300 to 0x0387]
For a full description of the video timing registers refer to Chapter 6: Video data interface on
page 49.
Table 15. Video timing registers [0x0300 to 0x0387]
Index
Byte
Register name
Data
type
Default
Type
Comment
0300
Hi
vt_pix_clk_div
16UI
00
0A
RW
Video timing pixel clock divider.
0301
Lo
0302
Hi
vt_sys_clk_div
16UI
00
01
RW
Video timing system clock divider.
Note: This value must be even for
single lane modules
0303
Lo
0304
Hi
pre_pll_div
16UI
00
01
RW
Pre-PLL clock divider value.
0305
Lo
0306
Hi
pll_mult
16UI
00
85
RW
PLL multiplier value.
Odd and even values can be used,
but odd values result in the nearest
lower even value being used (for
example, 133 becomes 132).
0307
Lo
0308
Hi
op_pix_clk_div
16UI
00
0A
RW
Output timing pixel clock divider.
0309
Lo
030A
Hi
op_sys_clk_div
16UI
00
01
RW
Output timing system clock divider.
Note: This value must be even for
single lane modules
030B
Lo
0340
Hi
frame_length_req
16UI
08
RW
Length of the video frame in lines.
0341
Lo
24
0342
Hi
line_length_req
16UI
0A
RW
Length of a line of video in pixels.
0343
Lo
BE
0344
Hi
x_start_req
16UI
00
RW
X pixel address of the top left corner
of the visible pixel data.
0345
Lo
00
0346
Hi
y_start_req
16UI
00
RW
Y line address of the top left corner of
the visible pixel data.
0347
Lo
00
0348
Hi
x_end_req
16UI
0A
RW
X pixel address of the bottom right
corner of the visible pixel data.
0349
Lo
27
034A
Hi
y_end_req
16UI
07
RW
Y line address of bottom right corner
of the visible pixel data.
034B
Lo
9F
034C
Hi
x_op_size_req
16UI
0A
RW
Width in pixels of the output image
from the sensor.
034D
Lo
28
034E
Hi
y_op_size_req
16UI
07
RW
Height in lines of the output image
from the sensor.
034F
Lo
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com