Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 77 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 77 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 73Page - STMicroelectronics VS6955CA Datasheet HTML 74Page - STMicroelectronics VS6955CA Datasheet HTML 75Page - STMicroelectronics VS6955CA Datasheet HTML 76Page - STMicroelectronics VS6955CA Datasheet HTML 77Page - STMicroelectronics VS6955CA Datasheet HTML 78Page - STMicroelectronics VS6955CA Datasheet HTML 79Page - STMicroelectronics VS6955CA Datasheet HTML 80Page - STMicroelectronics VS6955CA Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
DocID028071 Rev 2
77/90
VS6955CA
Electrical characteristics
78
10.4.3
EXTCLK - timing characteristics
Figure 33. External clock timing
10.4.4
CCI interface - timing characteristics
Table 47. External clock timing characteristics
Symbol
Parameter
Minimum
Maximum
Unit
Tjitter
Input clock jitter
-
100
ps
EXTCLK
Tjitter
Table 48. CCI interface timing characteristics
Symbol
Parameter
Minimum
Maximum
Unit
tSCL
SCL clock frequency
0
400
kHz
tLOW
Clock pulse width low
1.3
-
ms
tHIGH
Clock pulse width high
0.6
-
ms
tBUF
Bus free time between transmissions
1.3
-
ms
tHD.STA
Start hold time
0.6
-
ms
tSU.STA
Start set-up time
0.6
-
ms
tHD.DAT
Data in hold time
0
0.9
ms
tSU.DAT
Data in set-up time
100
-
ns
tR
SCL/SDA rise time
20+0.1 Cb
(1)
1.
Cb = total capacitance of one bus line in pF
300
ns
tF
SCL/SDA fall time
20+0.1 Cb
(1)
300
ns
tSU.STO
Stop set-up time
0.6
-
ms
Ci/o
Input/output capacitance (SDA)
-
8
pF
Cin
Input capacitance (SCL)
-
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com