Electronic Components Datasheet Search
  English  ▼

X  

VS6955CA Datasheet(PDF) 23 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 19Page - STMicroelectronics VS6955CA Datasheet HTML 20Page - STMicroelectronics VS6955CA Datasheet HTML 21Page - STMicroelectronics VS6955CA Datasheet HTML 22Page - STMicroelectronics VS6955CA Datasheet HTML 23Page - STMicroelectronics VS6955CA Datasheet HTML 24Page - STMicroelectronics VS6955CA Datasheet HTML 25Page - STMicroelectronics VS6955CA Datasheet HTML 26Page - STMicroelectronics VS6955CA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
DocID028071 Rev 2
23/90
VS6955CA
Camera control interface (CCI)
48
4.2
Register default values
The registers default values are expressed as hexadecimal numbers.
4.2.1
Status registers [0x0000 to 0x001F]
Table 9. Status registers [0x0000 to 0x001F]
Index
Byte
Register name
Data
type
Default
Type
Comment
0000
Hi
module_model_id
16UI
0B
RO
2955
Camera model identification number.
Default values depend on NVM
content.
0001
Lo
8B
0002
revision_number_major
8UI
00
RO
Revision identifier of the camera for
DCC change.
0003
manufacturer_id
8UI
01
RO
Module manufacturer number.
Default value depends on NVM
content.
0004
smia_version
8UI
0A
RO
SMIA version that sensor complies
with
10 - Version 1.0
0005
frame_count
8UI
FF
RW
Frame count register. Increments
from 1 to 254 when streaming.
Reports 255 when idle.
0006
pixel_order
8UI
00
RO
Color pixel readout order. Changes
with mirror and flip (register 0x0101).
0x00 - GR/BG normal.
0x01 - RG/GB horizontal mirror.
0x02 - BG/GR vertical flip.
0x03 - GB/RG vertical flip and
horizontal mirror.
0008
Hi
data_pedestal
16UI
00
RO
Offset applied to the video data.
0009
Lo
40
000C
pixel_depth
8UI
0A
RO
Pixel depth resolution of the sensor.
0010
revision_number_minor
8UI
00
RO
Revision identifier of the camera for
minor changes.
Default value depends on NVM
content.
1: TS
2: ES
3: CS
4: MP
0011
additional_spec_ver
8UI
08
RO
Additional specification identifier.
0012
module_date_year
8UI
00
RO
Last digit of manufacturing year.
Default value depends on NVM
content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com