Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 44 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 44 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 40Page - Semtech Corporation SX8661Z Datasheet HTML 41Page - Semtech Corporation SX8661Z Datasheet HTML 42Page - Semtech Corporation SX8661Z Datasheet HTML 43Page - Semtech Corporation SX8661Z Datasheet HTML 44Page - Semtech Corporation SX8661Z Datasheet HTML 45Page - Semtech Corporation SX8661Z Datasheet HTML 46Page - Semtech Corporation SX8661Z Datasheet HTML 47Page - Semtech Corporation SX8661Z Datasheet HTML 48Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
44
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.2
General Parameters
General Parameters
Address
Name
Bits
Description
0x04
I2CAddress
7
Reserved (0x00).
6:0
Defines the I2C address.
The I2C address will be active after a reset.
0x05
ActiveScanPeriod 7:0
Defines Active Mode Scan Period (Figure 6).
0x00: Reserved
0x01: 15ms
0x02: 30ms
…
0xFF: 255 x 15ms
0x06
DozeScanPeriod
7:0
Defines Doze Mode Scan Period (Figure 6).
0x00: Reserved
0x01: 15ms
…
0x0D: 195ms
…
0xFF: 255 x 15ms
0x07
PassiveTimer
7:0
Defines Passive Timer on Button Information (Figure 7).
0x00: OFF
0x01: 1 second
…
0xFF: 255 seconds
0x08
Reserved
7:0
Reserved (0x00)
Table 13
General Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com