Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 77 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 77 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 73Page - Semtech Corporation SX8661Z Datasheet HTML 74Page - Semtech Corporation SX8661Z Datasheet HTML 75Page - Semtech Corporation SX8661Z Datasheet HTML 76Page - Semtech Corporation SX8661Z Datasheet HTML 77Page - Semtech Corporation SX8661Z Datasheet HTML 78Page - Semtech Corporation SX8661Z Datasheet HTML 79Page - Semtech Corporation SX8661Z Datasheet HTML 80Page - Semtech Corporation SX8661Z Datasheet HTML 81Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
77
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.8
Monitor Mode
Monitor mode allows the host to read “real-time” sensor information (CAPxRaw, CAPxAvg, CAPxDiff).
It is enabled by setting bit 2 of I2C register SpmCfg (address 0x0D).
When enabled, it uses a specific monitor scan period (Cf below) and generates an interrupt every time a new full
set of data is available (hence every scan period).
Address Name
Bits
Description
0xF9
MonitorScanPeriod
7:0
Monitor Mode Scan Period
0x00: Reserved
0x01: 15ms
…
0x0D: 195ms (default)
…
0xFF: 255 x 15ms
Monitor mode scan period is located at address 0xF9 can be written similarly as SPM data (Cf. §6.6.1).
Interrupt is cleared normally by reading I2C register IrqSrc (address 0x00) but no specific flag is set.
CAPxRaw/Avg/Diff data can be read similarly as SPM data (Cf. §6.6.2).
Base address BA = 0xB4 is the beginning of the CAPxDiff data location and data are organized this way:
0xB4: CAP0Diff, MSB
0xB5: CAP0Diff, LSB
0xB6: CAP1Diff, MSB
etc...
Values are coded 16bits signed 2's complement format and updated at each scan period.
Base address BA = 0x80 is the beginning of the CAPxRaw data location.
Base address BA = 0x9A is the beginning of the CAPxAvg data location.
Data should be read before the next interrupt occurs (i.e. within one scan period).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com