Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 86 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 86 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 79Page - Semtech Corporation SX8661Z Datasheet HTML 80Page - Semtech Corporation SX8661Z Datasheet HTML 81Page - Semtech Corporation SX8661Z Datasheet HTML 82Page - Semtech Corporation SX8661Z Datasheet HTML 83Page - Semtech Corporation SX8661Z Datasheet HTML 84Page - Semtech Corporation SX8661Z Datasheet HTML 85Page - Semtech Corporation SX8661Z Datasheet HTML 86Page - Semtech Corporation SX8661Z Datasheet HTML 87Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
86
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
9
PACKAGING INFORMATION
9.1
Package Outline Drawing
SX8661Z is assembled in a MLPQ-UT28 package as shown in Figure 70.
INDICATOR
(LASER MARK)
PIN 1
DIMENSIONS
NOM
INCHES
N
bbb
aaa
A2
A1
E1
D1
DIM
L
e
E
D
A
b
MIN
MAX
MILLIMETERS
MIN
MAX
NOM
.154
.157
.161
3.90
4.00
4.10
.154
.157
.161
3.90
4.00
4.10
.003
.006
.100
28
.008
.104
.000
.020
(.006)
0.08
0.20
28
.010
.108
0.15
2.55
.024
.001
0.00
0.50
2.75
0.25
2.65
0.02
0.60
(0.152)
.004
0.10
2.55
2.65
2.75
0.40 BSC
.016 BSC
0.30
.012
.020
.016
0.40
0.50
.108
.104
.100
2
1
SEATING
PLANE
N
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
1.
2.
NOTES:
-
-
-
-
D
E
A
B
A1
A
aaa C
A2
C
D1
E1
LxN
E/2
e
bbb
C A B
D/2
bxN
Figure 70
Package outline drawing
9.2
Land Pattern
The land pattern of MLPQ-UT28 package, 4 mm x 4 mm is shown in Figure 71.
Figure 71
Land pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com