Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 53 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 53 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 49Page - Semtech Corporation SX8661Z Datasheet HTML 50Page - Semtech Corporation SX8661Z Datasheet HTML 51Page - Semtech Corporation SX8661Z Datasheet HTML 52Page - Semtech Corporation SX8661Z Datasheet HTML 53Page - Semtech Corporation SX8661Z Datasheet HTML 54Page - Semtech Corporation SX8661Z Datasheet HTML 55Page - Semtech Corporation SX8661Z Datasheet HTML 56Page - Semtech Corporation SX8661Z Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
53
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
time
0
BtnHysteresis
BtnHysteresis
= no-touch
Touch
(touch debounce = 1)
= touch
(release debounce = 0)
Release
CapThreshold
= scan events @ scan period
Figure 51
Touch and Release Example
As soon as the ticks become larger than the CAP thresholds (see registers of the previous section) plus the
hysteresis (defined in register BtnHysteresis ) the debounce counter starts.
In the example of Figure 51 the touch is validated after 2 ticks (BtnCfg [2:0] = 1).
The release is detected immediately (BtnCfg [3] = 0) at the first tick which is below the threshold minus the
hysteresis.
BtnCfg
The SX8661Z button and proximity interface has three modes of operation:
•
Report All: reports all touches of multiple fingers and proximity detection.
•
Report Single: reports only a single touch and/or proximity. Subsequent touches are ignored until the
first touch is released. On the AOI proximity is implicit in case of a button touch.
•
Report Strongest: reports the strongest touch. When the signal from another sensor rises above the
first sensor’s signal, the second sensor is then reported instead. On the AOI proximity is implicit in
case of a button touch.
Table 20 resumes the relation of reporting modes and information on the interfaces.
Reporting
Mode
I2C
AOI
GPIOs (LEDs)
Buzzer
All
Buttons and Proximity
Forced to Idle
Buttons and
Proximity
Button
Single
Proximity or
1 Button and Proximity
Idle or 1 Button or
Proximity
Buttons and
Proximity
Button
Strongest
Proximity or
1 Button and Proximity
Idle or 1 Button or
Proximity
Buttons and
Proximity
Button
Table 20
Reporting modes
The user can select to have the interrupt signal (INTB) on touching a button (proximity detected), releasing a
button (out of proximity) or both.
In noisy environments it may be required to debounce the touch and release detection decision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com