Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 75 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 75 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 71Page - Semtech Corporation SX8661Z Datasheet HTML 72Page - Semtech Corporation SX8661Z Datasheet HTML 73Page - Semtech Corporation SX8661Z Datasheet HTML 74Page - Semtech Corporation SX8661Z Datasheet HTML 75Page - Semtech Corporation SX8661Z Datasheet HTML 76Page - Semtech Corporation SX8661Z Datasheet HTML 77Page - Semtech Corporation SX8661Z Datasheet HTML 78Page - Semtech Corporation SX8661Z Datasheet HTML 79Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
75
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.6.2
SPM Read Sequence
The SPM must always be read in blocks of 8 bytes. The sequence is described below:
1. Set the I2C in SPM mode by writing “01” to SpmCfg[5:4] and SPM read access by writing ‘1’ to SpmCfg[3].
2. Write the SPM base address to SpmBaseAddr (The base address needs to be a value modulo 8).
3. Read the eight consecutive bytes from I2C address 0, 1, 2, …7
4. Terminate by writing “000” to SpmCfg[5:3].
S
SA
0
0x0D
A
0x18
A
P
A
S,Sr
: Start condition
SA
: Slave address
A
: Slave acknowledge
N
: Not Acknowledge (terminates read stream)
BA
: NVM Base Address
RDn
: Read Data byte n, n = 0 to 7
P
: Stop condition
From master to slave
From slave to master
S
SA
0
0x0E
A
BA
A
P
A
S
SA
0
0x0D
A
0x00
A
P
A
S
SA
S
SA
0
A
0x00
A
Sr
SA
1
A
RD0
A
... RD7
N
P
1)
2)
3)
4)
Figure 57
SPM Read Sequence
The complete SPM can be read by repeating 16 times the cycles shown in Figure 57 using base addresses 0x00,
0x08, 0x10,…0x70, 0x78.
Once the SPM read sequence is actually applied, the INTB pin will be asserted. The host clears the interrupt by
reading any I2C register. At the same time the bit GenStatMsb[6], indicating the SPM write is done, will be
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com