Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 26 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 22Page - Semtech Corporation SX8661Z Datasheet HTML 23Page - Semtech Corporation SX8661Z Datasheet HTML 24Page - Semtech Corporation SX8661Z Datasheet HTML 25Page - Semtech Corporation SX8661Z Datasheet HTML 26Page - Semtech Corporation SX8661Z Datasheet HTML 27Page - Semtech Corporation SX8661Z Datasheet HTML 28Page - Semtech Corporation SX8661Z Datasheet HTML 29Page - Semtech Corporation SX8661Z Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
26
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
3.15.4 Example
A typical example of the assertion and clearing of the INTB and the I2C communication is shown in Figure 22.
off
on
on
off
INTB
time
I2C
1
2
3
4
read
read
Figure 22
Interrupt and I2C
When a button is touched the SX8661Z will assert the interrupt (1). The host will read the SX8661Z status
information over the I2C (2) and this clears the interrupt.
If the finger releases the button the interrupt will be asserted (3), the host reads the status (4) which clears the
interrupt.
In case the host will not react to an interrupt then this will result in a missing touch.
3.16 Reset
The reset can be performed by 3 sources:
- power up,
- RESETB pin,
- software reset.
3.16.1 Power up
During power up the INTB is kept low. Once the power up sequence is terminated the INTB is released
autonomously. The SX8661Z is then ready for operation.
VDD
INTB
time
VDD
t por
supply
voltage
VDDmin
time
SX8661Z ready
Figure 23
Power Up vs. INTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com