Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 62 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 62 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 58Page - Semtech Corporation SX8661Z Datasheet HTML 59Page - Semtech Corporation SX8661Z Datasheet HTML 60Page - Semtech Corporation SX8661Z Datasheet HTML 61Page - Semtech Corporation SX8661Z Datasheet HTML 62Page - Semtech Corporation SX8661Z Datasheet HTML 63Page - Semtech Corporation SX8661Z Datasheet HTML 64Page - Semtech Corporation SX8661Z Datasheet HTML 65Page - Semtech Corporation SX8661Z Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
62
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.9
GPIO Parameters
GPIO Parameters
Address
Name
Bits Description
0x43
GpioMode7_4
7:6
GPIO[7] Mode Defines the GPIO mode.
00: GPO
01: GPP
10: Reserved
11: SPO: AOI-A for GPIO[7],
AOI-B for GPIO[6],
Buzzer for GPIO[5]),
Reserved for GPIO[4..0]
5:4
GPIO[6] Mode
3:2
GPIO[5] Mode
1:0
GPIO[4] Mode
0x44
GpioMode3_0
7:6
GPIO[3] Mode
5:4
GPIO[2] Mode
3:2
GPIO[1] Mode
1:0
GPIO[0] Mode
0x45
GpioIntensityOn0
7:0
Defines the ON intensity index.
0x00: 0
0x01: 1
…
0xFF: 255
0x46
GpioIntensityOn1
7:0
0x47
GpioIntensityOn2
7:0
0x48
GpioIntensityOn3
7:0
0x49
GpioIntensityOn4
7:0
0x4A
GpioIntensityOn5
7:0
0x4B
GpioIntensityOn6
7:0
0x4C
GpioIntensityOn7
7:0
0x4D
GpioIntensityOff0
7:0
Defines the OFF intensity index.
0x00: 0
0x01: 1
…
0xFF: 255
0x4E
GpioIntensityOff1
7:0
0x4F
GpioIntensityOff2
7:0
0x50
GpioIntensityOff3
7:0
0x51
GpioIntensityOff4
7:0
0x52
GpioIntensityOff5
7:0
0x53
GpioIntensityOff6
7:0
0x54
GpioIntensityOff7
7:0
0x56
GpioOutPwrUp
7:0
Defines the values of GPO and GPP pins after power up i.e. default values of
I2C parameters GpoCtrl and GppIntensity respectively.
Bits corresponding to GPO pins with Autolight ON should be left to 0.
Before being actually initialized GPIOs are set as inputs with pull up.
0: OFF(GPO) / IntensityOff (GPP)
1: ON (GPO) / IntensityOn (GPP)
0x57
GpioAutoLight
7:0
Enables Autolight in GPO mode.
0 : OFF
1 : ON
0x58
GpioPolarity
7:0
Defines the polarity of the GPO and GPP pins.
SPO pins require Normal Polarity.
0: Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com