Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 82 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 82 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 78Page - Semtech Corporation SX8661Z Datasheet HTML 79Page - Semtech Corporation SX8661Z Datasheet HTML 80Page - Semtech Corporation SX8661Z Datasheet HTML 81Page - Semtech Corporation SX8661Z Datasheet HTML 82Page - Semtech Corporation SX8661Z Datasheet HTML 83Page - Semtech Corporation SX8661Z Datasheet HTML 84Page - Semtech Corporation SX8661Z Datasheet HTML 85Page - Semtech Corporation SX8661Z Datasheet HTML 86Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
82
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
7.3
Example of Touch+Proximity Module
7.3.1
Overview
To demonstrate the proximity sensing feature of the SX8661Z/SX863x family, a module has been designed and is
illustrated in figure below.
Touch Buttons
(1.5cm pitch)
Proximity Sensor
Module Size (white area) :
sensors area + SX8633 + connector (min.)
Bicolor LEDs
(blue, orange)
Overlay
(2mm acrylic glass)
Figure 63
Touch+Proximity Module Overview
The touch button controller is running in stand-alone (i.e. without host) and uses the Autolight mode to turn LEDs
ON/OFF accordingly to the touch buttons and proximity sensing status.
7.3.2
Operation
Module operation can be seen as 5 steps which are described in figure below
1. No finger
=> No proximity detected
=> All LEDs OFF
2. Finger approaches
=> Proximity detected
=> Blue LEDs turned ON
3. Button touch
=> Orange LED turned ON
(blue+orange = pink)
4. Button release
=> Orange LED turned
OFF
5. Finger removed
=> No proximity detected
=> Blue LEDs turned OFF
Figure 64
Touch+Proximity Module Operation
Notes:
- For better user experience, bicolor LEDs have been used here but one could decide to design a module with
normal unicolor LEDs. In this case, step 3 above would simply consist in a higher (blue) intensity for the LED of
the button touched.
- For obvious demonstration purposes the overlay used here is transparent but in typical applications (TV,
Monitor, Set-top box, etc) the overlay would be opaque enough so that when LEDs are OFF (i.e. no proximity
detected) the PCB is not visible to the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com