Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 15 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 11Page - Semtech Corporation SX8661Z Datasheet HTML 12Page - Semtech Corporation SX8661Z Datasheet HTML 13Page - Semtech Corporation SX8661Z Datasheet HTML 14Page - Semtech Corporation SX8661Z Datasheet HTML 15Page - Semtech Corporation SX8661Z Datasheet HTML 16Page - Semtech Corporation SX8661Z Datasheet HTML 17Page - Semtech Corporation SX8661Z Datasheet HTML 18Page - Semtech Corporation SX8661Z Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
15
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Figure 8
PCB top layer of three touch buttons sensors surrounded by a proximity sensor
Please refer to the layout guidelines application note [1], for more details.
3.5
Button Information
The touch buttons have two simple states (see Figure 9): ON (touched by finger) and OFF (released and no finger
press).
off
on
off
off
Figure 9
Buttons
A finger is detected as soon as the number of ticks from the ASI reaches a user-defined threshold plus a
hysteresis.
A release is detected if the tick from the ASI goes below the threshold minus a hysteresis. The hysteresis around
the threshold avoids rapid touch and release signalling during transients.
Buttons can also be used to do proximity sensing. The principle of proximity sensing operation is exactly the same
as for touch buttons except that proximity sensing is done several centimeters above the overlay through the air.
ON state means that finger/hand is detected by the sensor and OFF state means the finger/hand is far from the
sensor and not detected.
3.6
Buzzer
The SX8661Z has the ability to drive a buzzer (on GPIO5) to provide an audible indication that a button has been
touched. The buzzer is driven by a square signal for approximately 30ms (default). During the first phase (15ms)
the signal’s frequency is default 4KHz while in the second phase (15ms) the signal’s frequency default is 8KHz.
The buzzer is activated only once during any button touch and is not repeated for long touches. The user can
choose to enable or disable the buzzer by configuration and define the idle level, frequencies and phase durations
(see 5.7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com