Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 64 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 64 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 60Page - Semtech Corporation SX8661Z Datasheet HTML 61Page - Semtech Corporation SX8661Z Datasheet HTML 62Page - Semtech Corporation SX8661Z Datasheet HTML 63Page - Semtech Corporation SX8661Z Datasheet HTML 64Page - Semtech Corporation SX8661Z Datasheet HTML 65Page - Semtech Corporation SX8661Z Datasheet HTML 66Page - Semtech Corporation SX8661Z Datasheet HTML 67Page - Semtech Corporation SX8661Z Datasheet HTML 68Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
64
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
GPIO Parameters
Address
Name
Bits Description
0x68
GpioPullUpDown7_4
7:6
GPIO[7] Pullup/down
Enables pullup/down resistors for GPIO pins.
00 : None
01 : Pullup
10 : Pulldown
11 : Reserved
5:4
GPIO[6] Pullup/down
3:2
GPIO[5] Pullup/down
1:0
GPIO[4] Pullup/down
0x69
GpioPullUpDown3_0
7:6
GPIO[3] Pullup/down
5:4
GPIO[2] Pullup/down
3:2
GPIO[1] Pullup/down
1:0
GPIO[0] Pullup/down
0x6A
Reserved
7:0
Reserved (0x00)
0x6B
Reserved
7:0
Reserved (0x00)
0x6C
Reserved
7:0
Reserved (0x00)
0x6D
GpioFadingMode7_4
7:6
Fading mode for GPIO[7]
Defines the Fading mode for GPO[7:0].
00: Single Fading Mode
01: Continuous Fading Mode
10: Reseved
11: Reserved
The fading modes are expected to be
defined at power up by the QSM or NVM.
In case the fading modes need to be
changed after power up this can be done
when the GPOs are all OFF.
5:4
Fading mode for GPIO[6]
3:2
Fading mode for GPIO[5]
1:0
Fading mode for GPIO[4]
0x6E
GpioFadingMode3_0
7:6
Fading mode for GPIO[3]
5:4
Fading mode for GPIO[2]
3:2
Fading mode for GPIO[1]
1:0
Fading mode for GPIO[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com