Electronic Components Datasheet Search
  English  ▼

X  

SX8661Z Datasheet(PDF) 70 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 70 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 66Page - Semtech Corporation SX8661Z Datasheet HTML 67Page - Semtech Corporation SX8661Z Datasheet HTML 68Page - Semtech Corporation SX8661Z Datasheet HTML 69Page - Semtech Corporation SX8661Z Datasheet HTML 70Page - Semtech Corporation SX8661Z Datasheet HTML 71Page - Semtech Corporation SX8661Z Datasheet HTML 72Page - Semtech Corporation SX8661Z Datasheet HTML 73Page - Semtech Corporation SX8661Z Datasheet HTML 74Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
70
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Address
Name
Bits
Description
0x02
CapStat
7
Status button 7
Status of individual buttons
0: Released (default)
1: Touched
6
Status button 6
5
Status button 5
4
Status button 4
3
Status button 3
2
Status button 2
1
Status button 1
0
Status button 0
Table 28
I2C Cap status
Address
Name
Bits
Description
0x08
SpmStat
7:4
reserved
3
NvmValid
Indicates if the current NVM is valid.
0: No – QSM is used
1: Yes – NVM is used
2:0
NvmCount
Indicates the number of times NVM has been burned:
0: None – QSM is used (default)
1: Once – NVM is used if NvmValid = 1, else QSM.
2: Twice – NVM is used if NvmValid = 1, else QSM.
3: Three times – NVM is used if NvmValid = 1, else QSM.
4: More than three times – QSM is used
Table 29
I2C SPM status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com