Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8117DEMO2Z Datasheet HTML 1Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 2Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 3Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 4Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 5Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 6Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 7Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 8Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL8117
3
FN8666.3
June 4, 2015
Submit Document Feedback
Pin Configurations
ISL8117
16 LD 4x4 QFN
TOP VIEW
ISL8117
16 LD HTSSOP
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL8117FRZ
81 17FRZ
-40 to +125
16 Ld 4x4 QFN
L16.4x4A
ISL8117FVEZ
8117 FVEZ
-40 to +125
16 Ld HTSSOP
M16.173A
ISL8117EVAL1Z
Evaluation Board for HTSSOP
ISL8117DEMO1Z
Demonstration Board for HTSSOP
ISL8117EVAL2Z
Evaluation Board for QFN
ISL8117DEMO2Z
Demonstration Board for QFN
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8117. For more information on MSL please see techbrief TB363.
1
3
4
15
CLKOUT
MOD/SYNC
PGOOD
RT
16
14
13
2
12
10
9
11
6
57
8
UGATE
PHASE
ISEN
VCC5V
SGND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
EXTBIAS
EN
CLKOUT
MOD/SYNC
PGOOD
RT
FB
SS/TRK
VIN
UGATE
PHASE
ISEN
VCC5V
LGATE/OCS
PGND
BOOT
SGND
Pin Descriptions
PIN #
(HTSSOP)
PIN #
(QFN)
PIN
NAME
FUNCTION
3
1
CLKOUT
Clock signal output. The frequency of the clock signal is the switching frequency set by the resistor from RT
to ground.
4
2
MOD/SYNC Dual function pin. Connect this pin to VCC5V to select diode emulation mode with pulse skipping at light-load.
While connected to ground or floating, the controller operates in PWM mode at light-load.
Connect this pin to an external clock for synchronization. The controller operates in PWM Mode at light-load
when synchronized with an external clock.
5
3
PGOOD
Open-drain logic output used to indicate the status of output voltage. This pin is pulled down when the output
is not within ±11% of the nominal voltage or the EN pin is pulled LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com