Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 19 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL8117DEMO2Z Datasheet HTML 15Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 16Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 17Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 18Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 19Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 20Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 21Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 22Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ISL8117
19
FN8666.3
June 4, 2015
Submit Document Feedback
paths including feedback resistors, current limit setting
resistor, soft-starting capacitor and EN pull-down resistor
should be connected to this SGND plane.
12. Separate the current sensing trace from the PHASE node
connection.
13. Ensure the feedback connection to the output capacitor is
short and direct.
General PowerPAD Design Considerations
The following is an example of how to use vias to remove heat
from the IC.
It is recommended to fill the thermal pad area with vias. A typical
via array fills the thermal pad footprint such that their centers are
3x the radius apart from each other. Keep the vias small but not
so small that their inside diameter prevents solder wicking
through during reflow.
Connect all vias to the ground plane. It is important the vias have
a low thermal resistance for efficient heat transfer. It is
important to have a complete connection of the plated through
hole to each plane.
Component Selection Guideline
MOSFET Considerations
The logic level MOSFETs are chosen for optimum efficiency given
the potentially wide input voltage range and output power
requirement. Two N-Channel MOSFETs are used in the
synchronous-rectified buck converters. These MOSFETs should be
selected based upon rDS(ON), gate supply requirements and
thermal management considerations.
Power dissipation includes two loss components: conduction
loss and switching loss. These losses are distributed between
the upper and lower MOSFETs according to duty cycle
(see Equations 12 and 13). The conduction losses are the main
component of power dissipation for the lower MOSFET. Only the
upper MOSFET has significant switching losses, since the lower
device turns on and off into near zero voltage. The equations
assume linear voltage current transitions and do not model
power loss due to the reverse recovery of the lower MOSFET’s
body diode.
A large gate-charge increases the switching time, tSW, which
increases the upper MOSFETs’ switching losses. Ensure that both
MOSFETs are within their maximum junction temperature at high
ambient temperature by calculating the temperature rise
according to package thermal resistance specifications.
Output Inductor Selection
The PWM converter requires an output inductor. The output
inductor is selected to meet the output voltage ripple
requirements. The inductor value determines the converter’s
ripple current and the ripple voltage is a function of the ripple
current and the output capacitor(s) ESR. The ripple voltage
expression is given in the capacitor selection section and the
ripple current is approximated by Equation 14:
The ripple current ratio is usually from 30% to 70% of the full
output load.
Output Capacitor Selection
The output capacitors for each output have unique requirements.
In general, the output capacitors should be selected to meet the
dynamic regulation requirements including ripple voltage and
load transients. Selection of output capacitors is also dependent
on the output inductor, so some inductor analysis is required to
select the output capacitors.
One of the parameters limiting the converter’s response to a load
transient is the time required for the inductor current to slew to
its new level. The ISL8117 will provide either 0% or maximum
duty cycle in response to a load transient.
The response time is the time interval required to slew the
inductor current from an initial current value to the load current
level. During this interval, the difference between the inductor
current and the transient current level must be supplied by the
output capacitor(s). Minimizing the response time can minimize
the output capacitance required. Also, if the load transient rise
time is slower than the inductor response time, as in a hard
drive or CD drive, it reduces the requirement on the output
capacitor.
The maximum capacitor value required to provide the full, rising
step, transient load current during the response time of the
inductor is shown in Equation 15:
Where COUT is the output capacitor(s) required, LO is the output
inductor, ITRAN is the transient load current step, VIN is the input
voltage, VO is output voltage and DVOUT is the drop in output
voltage allowed during the load transient.
High frequency capacitors initially supply the transient current
and slow the load rate of change seen by the bulk capacitors. The
bulk filter capacitor values are generally determined by the ESR
(Equivalent Series Resistance) and voltage rating requirements
as-well-as actual capacitance requirements.
FIGURE 33. PCB VIA PATTERN
PUPPER
IO
2
 r
DS ON

 V
OUT

VIN
---------------------------------------------------------------
IO
 V
IN
 t
SW
 f
SW

2
----------------------------------------------------------
+
=
(EQ. 12)
PLOWER
IO
2
 r
DS ON

 V
IN
VOUT
–

VIN
-------------------------------------------------------------------------------
=
(EQ. 13)
I
L
VIN VOUT
–
 V
OUT

fSW
 L
 V
IN

----------------------------------------------------------
=
(EQ. 14)
COUT
LO
 I
TRAN

2
2VIN VO
–
 DV
OUT

-----------------------------------------------------------
=
(EQ. 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com