Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 15 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ISL8117DEMO2Z Datasheet HTML 11Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 12Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 13Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 14Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 15Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 16Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 17Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 18Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ISL8117
15
FN8666.3
June 4, 2015
Submit Document Feedback
Tracking Operation
The ISL8117 can be set up to track an external supply. To
implement tracking, a resistive divider is connected between the
external supply output and ground. The center point of the divider
shall be connected to the SS/TRK pin of ISL8117. The resistive
divider ratio sets the ramping ratio between the two voltage rails.
To implement coincident tracking, set the tracking resistive
divider ratio exactly the same as the ISL8117 output resistive
divider given by Equation 5. Make sure that the voltage at
SS/TRK is greater than 0.6V when the master rail reaches
regulation.
To minimize the impact of the 2µA soft-start current on the
tracking function, it is recommended to use resistors of less than
10kΩ for the tracking resistive divider.
When overcurrent protection (OCP) is triggered, the internal
minimum soft-start circuit determines the OCP soft-start hiccup.
Light-load Efficiency Enhancement
When MOD/SYNC is tied to VCC5V, the ISL8117 operates in high
efficiency diode emulation mode and pulse skipping mode in
light-load condition. The inductor current is not allowed to reverse
(discontinuous operation). At very light-loads, the converter goes
into diode emulation and triggers the pulse skipping function. In
pulse skipping mode, the upper MOSFET remains off until the
output voltage drops to the point the error amplifier output goes
above the pulse skipping mode threshold. The minimum tON in
the pulse skipping mode is 60ns.
Prebiased Power-up
The ISL8117 has the ability to soft-start with a prebiased output.
The output voltage would not be yanked down during prebiased
start-up. The PWM is not active until the soft-start ramp reaches
the output voltage times the resistive divider ratio.
Overvoltage protection is alive during soft-starting.
Frequency Selection
Switching frequency selection is a trade-off between efficiency
and component size. Low switching frequency improves
efficiency by reducing MOSFET switching loss. To meet the output
ripple and load transient requirements, operation at a low
switching frequency would require larger inductance and output
capacitance. The switching frequency of the ISL8117 is set by a
resistor connected from the RT pin to GND according to
Equation 1.
The frequency setting curve shown in Figure 30 assists in
selecting the correct value for RT.
Frequency Synchronization
The MOD/SYNC pin may be used to synchronize ISL8117 to an
external clock or the CLKOUT pin of another ISL8117. When the
MOD/SYNC pin is connected to the CLKOUT pin of another
ISL8117, the two controllers operate in synchronization.
When the MOD/SYNC pin is connected to an external clock,
ISL8117 will synchronize to this external clock frequency. For
proper operation, the frequency set by resistor RT should be lower
than the external clock frequency.
When frequency synchronization is in action, the controllers will
enter forced continuous current mode at light-load.
CLKOUT pin outputs a clock signal with 280ns pulse width. The
signal frequency is the same as the frequency set by the resistor
from RT pin to ground. The signal rising edge is in line with the
PWM falling edge.
Gate Control Logic
The gate control logic translates the PWM signal into gate drive
signals providing amplification, level shifting and shoot-through
protection. The gate driver has circuitry that helps optimize the IC
performance over a wide range of operational conditions. As
MOSFET switching times can vary dramatically from type to type
and with input voltage, the gate control logic provides adaptive
dead time by monitoring real gate waveforms of both the upper
and the lower MOSFETs. Shoot-through control logic provides a
16ns dead time to ensure that both the upper and lower
MOSFETs will not turn on simultaneously causing a shoot-through
condition.
FIGURE 30. RT vs SWITCHING FREQUENCY fSW
0
500
1000
1500
2000
2500
3000
3500
0
20
40
60
80
100
120
140
160
180
200
RT (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com