Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL8117DEMO2Z Datasheet HTML 14Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 15Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 16Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 17Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 18Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 19Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 20Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 21Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ISL8117
18
FN8666.3
June 4, 2015
Submit Document Feedback
converter. The Type 2 amplifier, in addition to the pole at origin,
has a zero-pole pair that causes a flat gain region at frequencies
between the zero and the pole.
High amplifier zero frequency gain and modulator gain are
chosen to satisfy most typical applications. The crossover
frequency will appear at the point where the modulator
attenuation equals the amplifier high frequency gain. The only
task that the system designer has to complete is to specify the
output filter capacitors to position the load main pole
somewhere within one decade lower than the amplifier zero
frequency. With this type of compensation, plenty of phase
margin is easily achieved due to zero-pole pair phase ‘boost’.
Conditional stability may occur only when the main load pole is
positioned extremely to the left side on the frequency axis due to
excessive output filter capacitance. In this case, the ESR zero
placed within the 1.2kHz to 30kHz range gives some additional
phase ‘boost’. Some phase boost can also be achieved by
connecting capacitor C3 in parallel with the upper resistor R1 of
the divider that sets the output voltage value. Please refer to
“Output Voltage Programming” on page 14.
Layout Guidelines
Careful attention to layout requirements is necessary for
successful implementation of an ISL8117 based DC/DC
converter. The ISL8117 switches at a very high frequency and
therefore the switching times are very short. At these switching
frequencies, even the shortest trace has significant impedance.
Also, the peak gate drive current rises significantly in an
extremely short time. Transition speed of the current from one
device to another causes voltage spikes across the
interconnecting impedances and parasitic circuit elements.
These voltage spikes can degrade efficiency, generate EMI, and
increase device overvoltage stress and ringing. Careful
component selection and proper PC board layout minimizes the
magnitude of these voltage spikes.
There are three sets of critical components in a DC/DC converter
using the ISL8117: The controller, the switching power
components and the small signal components. The switching
power components are the most critical from a layout point of
view because they switch a large amount of energy, which tends
to generate a large amount of noise. The critical small signal
components are those connected to sensitive nodes or those
supplying critical bias currents. A multilayer printed circuit board
is recommended.
Layout Considerations
1. The input capacitors, upper FET, lower FET, inductor and
output capacitor should be placed first. Isolate these power
components on dedicated areas of the board with their
ground terminals adjacent to one another. Place the input
high frequency decoupling ceramic capacitors very close to
the MOSFETs.
2. If signal components and the IC are placed in a separate area
to the power train, it is recommend to use full ground planes
in the internal layers with shared SGND and PGND to simplify
the layout design. Otherwise, use separate ground planes for
power ground and small signal ground. Connect the SGND
and PGND together close to the IC. DO NOT connect them
together anywhere else.
3. The loop formed by the input capacitor, the top FET and the
bottom FET must be kept as small as possible.
4. Ensure the current paths from the input capacitor to the
MOSFET, to the output inductor and the output capacitor are
as short as possible with maximum allowable trace widths.
5. Place the PWM controller IC close to the lower FET. The LGATE
connection should be short and wide. The IC can be best
placed over a quiet ground area. Avoid switching ground loop
currents in this area.
6. Place VCC5V bypass capacitor very close to the VCC5V pin of
the IC and connect its ground to the PGND plane.
7. Place the gate drive components - optional BOOT diode and
BOOT capacitors - together near the controller IC.
8. The output capacitors should be placed as close to the load as
possible. Use short wide copper regions to connect output
capacitors to load to avoid inductance and resistances.
9. Use copper filled polygons or wide short traces to connect the
junction of upper FET, lower FET and output inductor. Also
keep the PHASE node connection to the IC short. DO NOT
unnecessarily oversize the copper islands for the PHASE
node. Since the phase nodes are subjected to very high dv/dt
voltages, the stray capacitor formed between these islands
and the surrounding circuitry will tend to couple switching
noise.
10. Route all high speed switching nodes away from the control
circuitry.
11. Create a separate small analog ground plane near the IC.
Connect the SGND pin to this plane. All small signal grounding
FIGURE 32. FEEDBACK LOOP COMPENSATION
FZ
1
2
 R
2 C1

-------------------------------
10kHz
==
(EQ. 10)
FP
1
2
 R
2 C2

-------------------------------
600kHz
==
(EQ. 11)
R1
R2 C1
C2
F
PO
F ZFP
FC
MODULATOR
EA
CONVERTER
TYPE 2 EA
GEA= 18dB
GM = 23.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com