Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL8117DEMO2Z Datasheet HTML 8Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 9Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 10Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 11Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 12Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 13Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 14Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 15Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ISL8117
12
FN8666.3
June 4, 2015
Submit Document Feedback
FIGURE 18. INPUT CURRENT COMPARISON WITH
MODE = CCM/DEM, VIN = 48V
FIGURE 19. PHASE, LGATE, CLKOUT AND INDUCTOR CURRENT
WAVEFORMS
FIGURE 20. OUTPUT RIPPLE, MODE = CCM
FIGURE 21. OUTPUT RIPPLE, MODE = DEM
FIGURE 22. START-UP WAVEFORMS; MODE = CCM, LOAD = 0A,
VIN =48V
FIGURE 23. START-UP WAVEFORMS; MODE = DEM, LOAD = 0A,
VIN = 48V
Typical Performance Curves OscilloscopeplotsaretakenusingtheISL8117EVAL2Zevaluationboard,V
IN = 18 to 60V,
VOUT = 12V, IOUT = 20A unless otherwise noted. (Continued)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
IIN (DEM)
IIN (CCM)
IOUT (A)
IL 5A/DIV
LGATE 5V/DIV
CLKOUT 5V/DIV
PHASE 50V/DIV
1µs/DIV
4µs/DIV
VOUT 50mV/DIV
VOUT 50mV/DIV
NO LOAD, VIN = 48V
20A LOAD, VIN = 48V
4µs/DIV
VOUT 50mV/DIV
VOUT 50mV/DIV
NO LOAD, VIN = 48V
20A LOAD, VIN = 48V
1ms/DIV
4ms/DIV
VOUT 5V/DIV
LGATE 5V/DIV
CLKOUT 5V/DIV
IL 10A/DIV
DEM TO CCM TRANSITION
EXTBIAS KICK-IN
BOOT CAP REFRESH
4ms/DIV
VOUT 5V/DIV
LGATE 5V/DIV
CLKOUT 5V/DIV
IL 5A/DIV
EXTBIAS KICK-IN
BOOT CAP REFRESH
BURST MODE OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com