Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8117DEMO2Z Datasheet HTML 1Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 2Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 3Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 4Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 5Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 6Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 7Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 8Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
DATASHEET
Synchronous Step-down PWM Controller
ISL8117
The ISL8117 is a synchronous buck controller to generate POL
voltage rails and bias voltage rails for a wide variety of
applications in industrial and general purpose segments. Its
wide input and output voltage ranges make it suitable for
telecommunication and after-market automotive applications.
The ISL8117 uses the valley current modulation technique to
bring hassle-free power supply design with minimal number of
components and complete protection from unwanted events.
The ISL8117 offers programmable soft-start and enable
functions along with a power-good indicator for ease of supply
rail sequencing and other housekeeping requirements. In ideal
situations, a complete power supply circuit can be designed
with 10 external components and provide OV/OC/OT
protections in a space conscious 16 Ld 4mmx4mm QFN or
easy to assemble 6.4mmx5mm 16 Ld HTSSOP package. Both
packages use an EPAD to improve thermal dissipation and
noise immunity. Low pin count, less number of external
components and default internal values, makes the ISL8117
an ideal solution for quick to market simple power supply
designs. The ISL8117 utilizes internal loop compensation and
single resistor settings for other functions such as operating
frequency and overcurrent protection. Its current mode control
with VIN feed-forward enables it to cover various applications
even with fixed internal compensations. The unique
DEM/Skipping mode at light-load dramatically lowers standby
power consumption with consistent output ripple over different
load levels.
Related Literature
• UG020, “ISL8117EVAL2Z Evaluation Board User Guide”
• UG021, “ISL8117DEMO2Z Demonstration Board User Guide”
• UG030, “ISL8117EVAL1Z Evaluation Board User Guide”
• UG031, “ISL8117DEMO1Z Demonstration Board User Guide”
Features
• Wide input voltage range: 4.5V to 60V
• Wide output voltage range: 0.6V to 54V
• Light-load efficiency enhancement
- Low ripple diode emulation mode with pulse skipping
•Programmable soft-start
• Supports prebiased output with SR soft-start
• Programmable frequency: 100kHz to 2MHz
•External sync
•PGOOD indicator
•Forced PWM
• Adaptive shoot-through protection
• No external current sense resistor
- Use lower MOSFET rDS(ON)
• Complete protection
- Overcurrent, overvoltage, over-temperature, undervoltage
• Pb-free (RoHS compliant)
Applications
• PLC and factory automation
•Amusement machines
•Security surveillance
• Server and data centers
•Switcher and routers
• Telecom and datacom
•LED panels
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY
VIN
VOUT
ISEN
PGOOD
CLKOUT
SS/TRK
RT
EN
PHASE
LGATE
OCS
VCC5V
UGATE
BOOT
VIN
EXTBIAS
16
1
2
3
4
5
6
7
10
11
12
13
14
15
MOD
SYNC
SGND
FB
8
PGND 9
84
86
88
90
92
94
96
98
100
02468
10
12
14
16
OUTPUT CURRENT (A)
VIN = 24V
VIN = 36V
VIN = 18V
VIN = 48V
VIN = 60V
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
June 4, 2015
FN8666.3


Similar Part No. - ISL8117DEMO2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8117DEMO2Z RENESAS-ISL8117DEMO2Z Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
More results

Similar Description - ISL8117DEMO2Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com