Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8117DEMO2Z Datasheet HTML 5Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 6Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 7Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 8Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 9Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 10Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 11Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 12Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISL8117
9
FN8666.3
June 4, 2015
Submit Document Feedback
PWM GATE DRIVER
IGSRC
Source Current
2000
mA
IGSNK
Sink Current
2000
mA
RUG_UP
Upper Drive Pull-up
VCC5V = 5.0V
1.5
Ω
RUG_DN
Upper Drive Pull-down
VCC5V = 5.0V
1.5
Ω
RLG_UP
Lower Drive Pull-up
VCC5V = 5.0V
1.0
Ω
RLG_DN
Lower Drive Pull-down
VCC5V = 5.0V
0.8
Ω
tGR_UP
Upper Drive Rise Time
COUT = 1000pF
9.0
ns
tGF_UP
Upper Drive Fall Time
COUT = 1000pF
8.0
ns
tGR_DN
Lower Drive Rise Time
COUT = 1000pF
7.0
ns
tGF_DN
Lower Drive Fall Time
COUT = 1000pF
6.1
ns
OVERVOLTAGE PROTECTION
VOVTH
OVP Threshold
116
121
127
%
OVERCURRENT PROTECTION
IOCSET-CS
OC Set Current Source
LGATE/OCS = 0V
9
10.5
11.5
µA
OVER-TEMPERATURE
TOT-TH
Over-temperature Shutdown
160
°C
TOT-HYS
Over-temperature Hysteresis
15
°C
NOTES:
6. In normal operation, where the device is supplied with voltage on the VIN pin, the VCC5V pin provides a 5V output capable of 75mA (min). When the
device is supplied by an external 5V supply on the EXTBIAS pin, the internal LDO regulator is disabled. The voltage at VCC5V should not exceed the
voltage at VIN at any time. (Refer to “Pin Descriptions” on page 3 for more details.)
7. This is the total shutdown current with VIN = 5.6V and 60V.
8. Operating current is the supply current consumed when the device is active but not switching. It does not include gate drive current.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. Threshold voltage at PHASE pin for turning off the bottom MOSFET during DEM.
11. When soft-start time is less than 4.5ms, tPGR increases. With internal soft-start (the fastest soft-start time), tPGR increases close to its max limit 5ms.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 5 and “Typical
Application Schematics” on page 6. VIN = 4.5V to 60V, or VCC5V = 5V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C,
unless otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com