Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 20 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ISL8117DEMO2Z Datasheet HTML 15Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 16Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 17Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 18Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 19Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 20Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 21Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 22Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ISL8117
20
FN8666.3
June 4, 2015
Submit Document Feedback
The output voltage ripple is due to the inductor ripple current and
the ESR of the output capacitors as defined by Equation 16:
Where
IL is calculated in Equation 14.
High frequency decoupling capacitors should be placed as close
to the power pins of the load as physically possible. Be careful
not to add inductance in the circuit board wiring that could
cancel the usefulness of these low inductance components.
Consult with the manufacturer of the load circuitry for specific
decoupling requirements.
Use only specialized low-ESR capacitors intended for switching
regulator applications for the bulk capacitors. In most cases,
multiple small case electrolytic capacitors perform better than a
single large case capacitor.
The stability requirement on the selection of the output capacitor
is that the ‘ESR zero’ (fZ) is between 2kHz and 60kHz. This range
is set by an internal, single compensation zero at 8.8kHz. The
ESR zero can be a factor of five on either side of the internal zero
and still contribute to increased phase margin of the control loop.
This requirement is shown in Equation 17:
In conclusion, the output capacitors must meet the following
criteria:
1. They must have sufficient bulk capacitance to sustain the
output voltage during a load transient while the output
inductor current is slewing to the value of the load transient.
2. The ESR must be sufficiently low to meet the desired output
voltage ripple due to the output inductor current.
3. The ESR zero should be placed, in a rather large range, to
provide additional phase margin.
The recommended output capacitor value for the ISL8117 is
between 100µF to 680µF, to meet the stability criteria with
external compensation. Use of aluminum electrolytic (POSCAP)
or tantalum type capacitors is recommended. Use of low ESR
ceramic capacitors is possible with loop analysis to ensure
stability.
Input Capacitor Selection
The important parameters for the input capacitor(s) are the
voltage rating and the RMS current rating. For reliable operation,
select input capacitors with voltage and current ratings above the
maximum input voltage and largest RMS current required by the
circuit. The capacitor voltage rating should be at least 1.25x
greater than the maximum input voltage and 1.5x is a
conservative guideline. The AC RMS input current varies with the
load giving in Equation 18:
Where DC is duty cycle of the PWM.
The maximum RMS current supplied by the input capacitance
occurs at VIN = 2 X VOUT, DC = 50% as shown in Equation 19:
Use a mix of input bypass capacitors to control the voltage ripple
across the MOSFETs. Use ceramic capacitors for the high
frequency decoupling and bulk capacitors to supply the RMS
current. Small ceramic capacitors can be placed very close to the
MOSFETs to suppress the voltage induced in the parasitic circuit
impedances.
Solid tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current rating. These
capacitors must be capable of handling the surge current at
power-up.
VRIPPLE
I
L ESR

=
(EQ. 16)
COUT
1
2
 ESR
 f
Z

------------------------------------
=
(EQ. 17)
IRMS
DC DC
2
–
IO
=
(EQ. 18)
IRMS
1
2
--- IO
=
(EQ. 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com