Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL8117DEMO2Z
Description  Synchronous Step-down PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO2Z Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL8117DEMO2Z Datasheet HTML 13Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 14Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 15Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 16Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 17Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 18Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 19Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 20Page - Intersil Corporation ISL8117DEMO2Z Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ISL8117
17
FN8666.3
June 4, 2015
Submit Document Feedback
Overcurrent Protection
The controller uses the lower MOSFET's ON-resistance, rDS(ON), to
monitor the current in the converter. The sensed voltage drop is
compared with a threshold set by a resistor ROCSET connected
from the LGATE/OCS pin to ground during the initiation stage
before soft-start. During the initiation stage, a 10.5µA current
source from LGATE/OCS pin creates a voltage drop on ROCSET.
The voltage drop is then read and stored as the OCP comparator
reference. ROCSET can be calculated by Equation 7.
Where IOC is the desired overcurrent protection threshold and
RCS is the value of the current sense resistor connected to the
ISEN pin. The unit for rDS(ON) is mΩ and for RCS is kΩ.
If an overcurrent is detected, the upper MOSFET remains off and
the lower MOSFET remains on until the next cycle. As a result, the
converter will skip a pulse. When the overload condition is
removed, the converter will resume normal operation.
If an overcurrent is detected for 2 consecutive clock cycles, the IC
enters in a hiccup mode by turning off the gate driver and
entering soft-start. The IC will stay off for 50ms before trying to
restart. The IC will continue to cycle through soft-start until the
overcurrent condition is removed. Hiccup mode is active during
soft-start, so care must be taken to ensure that the peak inductor
current does not exceed the overcurrent threshold during soft-
start.
Because of the nature of this current sensing technique, and to
accommodate a wide range of rDS(ON) variations, the value of the
overcurrent threshold should represent an overload current about
150% to 180% of the maximum operating current. If more
accurate current protection is desired, place a current sense
resistor in series with the lower MOSFET source.
When OCP is triggered, the SS/TRK pin is pulled to ground by an
internal MOSFET for hiccup restart. When configured to track
another voltage rail, the SS/TRK pin rises up much faster than
the internal minimum soft-start ramp. The voltage reference will
then be clamped to the internal minimum soft-start ramp. Thus,
smooth soft-start hiccup is achieved even with tracking function.
For applications with large inductor ripple current, it is
recommended to use a larger RCS to reduce the current ripple
into the ISEN pin to less than 6µA which is the OCP comparator
hysteresis. Otherwise, when the load current approaches to the
OCP trip point, the OCP comparator can trip and reset in one
switching cycle. The overcurrent condition cannot last for 2
consecutive cycles to force the IC into hiccup mode. Instead, the
IC will run in a half frequency PWM mode leading to a larger
output ripple.
Overvoltage Protection
The overvoltage set point is set at 121% of the nominal output
voltage set by the feedback resistors. In the case of an
overvoltage event, the IC will attempt to bring the output voltage
back into regulation by keeping the upper MOSFET turned off and
the lower MOSFET turned on. If the overvoltage condition has
been corrected and the output voltage returns to 110% of the
nominal output voltage, both upper and lower MOSFETs will be
turned off until the output voltage drops to the nominal voltage
to start work in normal PWM switching.
For lower control loop bandwidth applications, such as very low
output voltage or very low switching frequency designs, the full
load to no load transient response may be slow to cause an OVP
false trigger. When OVP is triggered, the long LGATE on-time will
create a high negative inductor current leading to a higher than
normal sink in current to the ISEN pin. It is recommended to limit
the ISEN pin sink in current to less than 16µA. Otherwise, a false
OCP hiccup operation may be triggered to cause the output to
shut down.
Over-temperature Protection
The IC incorporates an over-temperature protection circuit that
shuts the IC down when a die temperature of +160°C is
reached. Normal operation resumes when the die temperature
drops below +145°C through the initiation of a full soft-start
cycle. During OTP shutdown, the IC consumes only 100µA
current. When the controller is disabled, thermal protection is
inactive. This helps achieve a very low shutdown current of 5µA.
Feedback Loop Compensation
To reduce the number of external components and to simplify the
process of determining compensation components, the
controller is designed with an internally compensated error
amplifier. To make internal compensation possible, several
design measures were taken.
First, the ramp signal applied to the PWM comparator is
proportional to the input voltage provided at the VIN pin. This
keeps the modulator gain constant with varying input voltages.
Next, the load current proportional signal is derived from the
voltage drop across the lower MOSFET during the PWM time
interval and is subtracted from the amplified error signal on the
comparator input. This creates an internal current control loop.
The resistor RCS connected to the ISEN pin sets the gain in the
current feedback loop. The following expression estimates the
required value of the current sense resistor depending on the
maximum operating load current and the value of the MOSFET
rDS(ON) as shown in Equation 8.
Choosing RCS to provide 30µA of current to the current sample
and hold circuitry is recommended but values down to 2µA and
up to 100µA can be used.
Due to the current loop feedback, the modulator has a single pole
response with -20dB slope at a frequency determined by the load
by using Equation 9.
Where RO is load resistance and CO is load capacitance. For this
type of modulator, a Type 2 compensation circuit is usually
sufficient.
Figure 32 on page 18 shows a Type 2 amplifier and its response,
along with the responses of the current mode modulator and the
ROCSET
rDS ON

 I
OC

0.7 3.5RCS
+
------------------------------------------- k

=
(EQ. 7)
RCS
IMAX
 r
DS ON


30
A
-----------------------------------------------
(EQ. 8)
FPO
1
2
 R
O CO

---------------------------------
=
(EQ. 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com