Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 19 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 19 Page - Winbond

Back Button ISD2540 Datasheet HTML 15Page - Winbond ISD2540 Datasheet HTML 16Page - Winbond ISD2540 Datasheet HTML 17Page - Winbond ISD2540 Datasheet HTML 18Page - Winbond ISD2540 Datasheet HTML 19Page - Winbond ISD2540 Datasheet HTML 20Page - Winbond ISD2540 Datasheet HTML 21Page - Winbond ISD2540 Datasheet HTML 22Page - Winbond ISD2540 Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
ISD2532/40/48/64
9. ABSOLUTE MAXIMUM RATINGS
TABLE 4: ABSOLUTE MAXIMUM RATINGS (DIE)
CONDITIONS
VALUES
Junction temperature
150
°C
Storage temperature range
-65
°C to +150°C
Voltage applied to any pad
(VSS –0.3V) to
(VCC +0.3V)
Voltage applied to any pad (Input current limited to
±20mA)
(VSS –1.0V) to
(VCC +1.0V)
VCC – VSS
-0.3V to +7.0V
TABLE 5: ABSOLUTE MAXIMUM RATINGS (PACKAGED PARTS)
CONDITIONS
VALUES
Junction temperature
150
°C
Storage temperature range
-65
°C to +150°C
Voltage applied to any pin
(VSS –0.3V) to
(VCC +0.3V)
Voltage applied to any pin (Input current limited to
±20 mA)
(VSS –1.0V) to
(VCC +1.0V)
Lead temperature (Soldering – 10sec)
300
°C
VCC – VSS
-0.3V to +7.0V
Note:
Stresses above those listed may cause permanent damage to the device. Exposure to the
absolute maximum ratings may affect device reliability and performance. Functional
operation is not implied at these conditions.
Publication Release Date: June 2003
- 19 -
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com