Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 34 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 34 Page - Winbond

Back Button ISD2540 Datasheet HTML 30Page - Winbond ISD2540 Datasheet HTML 31Page - Winbond ISD2540 Datasheet HTML 32Page - Winbond ISD2540 Datasheet HTML 33Page - Winbond ISD2540 Datasheet HTML 34Page - Winbond ISD2540 Datasheet HTML 35Page - Winbond ISD2540 Datasheet HTML 36Page - Winbond ISD2540 Datasheet HTML 37Page - Winbond ISD2540 Datasheet HTML 38Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
ISD2532/40/48/64
TABLE 15: APPLICATION EXAMPLE – PUSH-BUTTON CONTROL
Control Step
Function
Action
1
Select Record/Playback Mode
P/ R = As desired
2A
Begin playback
P/ R = HIGH, CE = Pulse LOW
2B
Begin record
P/ R = LOW, CE = Pulse LOW
3
Pause record or playback
CE
= Pulsed LOW
4A
End playback
Automatic at EOM marker or PD = Pulsed HIGH
4B
End record
PD = Pulsed HIGH
TABLE 16: APPLICATION EXAMPLE – PASSIVE COMPONENT FUNCTIONS
Parts
Function
Comments
R2
Release time constant
Sets release time for AGC
R4
Series limiting resistor
Reduces level to prevent distortion at
higher supply voltages
R6, R7
Pull-up and pull-down resistors
Defines static state of inputs
C1, C4, C5
Power supply capacitors
Filters and bypass of power supply
C2
Attack/Release time constant
Sets attack/release time for AGC
C3
Low-frequency cutoff capacitor
Provides additional pole for low-frequency
cutoff
- 34 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com