Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 37 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 37 Page - Winbond

Back Button ISD2540 Datasheet HTML 33Page - Winbond ISD2540 Datasheet HTML 34Page - Winbond ISD2540 Datasheet HTML 35Page - Winbond ISD2540 Datasheet HTML 36Page - Winbond ISD2540 Datasheet HTML 37Page - Winbond ISD2540 Datasheet HTML 38Page - Winbond ISD2540 Datasheet HTML 39Page - Winbond ISD2540 Datasheet HTML 40Page - Winbond ISD2540 Datasheet HTML 41Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
ISD2532/40/48/64
Publication Release Date: June 2003
- 37 -
Revision 1.0
12.3. 28-LEAD 8X13.4MM PLASTIC THIN SMALL OUTLINE PACKAGE (TSOP) TYPE 1
Min
Nom
Max
Min
Nom
Max
A
0.520
0.528
0.535
13.20
13.40
13.60
B
0.461
0.465
0.469
11.70
11.80
11.90
C
0.311
0.315
0.319
7.90
8.00
8.10
D
0.002
0.006
0.05
0.15
E
0.007
0.009
0.011
0.17
0.22
0.27
F
0.0217
0.55
G
0.037
0.039
0.041
0.95
1.00
1.05
H
0
0
3
0
6
0
0
0
3
0
6
0
I
0.020
0.022
0.028
0.50
0.55
0.70
J
0.004
0.008
0.10
0.21
Note:
Lead coplanarity to be within 0.004 inches.
INCHES
MILLIMETERS
Plastic Thin Small Outline Package (TSOP) Type 1 Dimensions
5
6
7
8
9
10
11
12
13
14
2
3
4
15
16
17
18
19
20
21
22
23
24
25
26
27
28
A
B
G
F
C
D
E
H
J
I
A
B
G
C
F
E
H
J
4
8
10
1
2
3
5
6
7
9
11
12
13
14
18
20
24
17
16
15
19
21
22
23
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com