Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 33 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 33 Page - Winbond

Back Button ISD2540 Datasheet HTML 29Page - Winbond ISD2540 Datasheet HTML 30Page - Winbond ISD2540 Datasheet HTML 31Page - Winbond ISD2540 Datasheet HTML 32Page - Winbond ISD2540 Datasheet HTML 33Page - Winbond ISD2540 Datasheet HTML 34Page - Winbond ISD2540 Datasheet HTML 35Page - Winbond ISD2540 Datasheet HTML 36Page - Winbond ISD2540 Datasheet HTML 37Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
ISD2532/40/48/64
ISD2532/40/48/64
V
CCD
V
CCA
V
SSD
V
SSA
SP+
SP-
MIC REF
MIC
AGC
AUX IN
ANA IN
ANA OUT
A0
A1
A2
A3
A4
A5
A6
A7
A8
CE
PD
P/R
OEM
OVF
XCLK
C2
4.7 F
µ
470 K
Ω
R2
C5
0.1 F
µ
10 K
Ω
R5
ELECTRET
MICROPHONE
SPEAKER
16
Ω
V
CC
C1
0.1 F
µ
C4
220 F
µ
1 K
Ω
R1
10 K
Ω
R3
C3
0.1 F
µ
5.1 K
Ω
R4
V
CC
C4
0.1 F
µ
C1
0.1 F
µ
C5
22 F
µ
19
17
18
21
20
11
15
14
13
12
16
28
100 K
R7
V
SS
START/PAUSE
STOP/RESET
PLAYBACK/RECORD
1
2
3
4
5
6
7
9
10
23
24
27
25
22
26
V
CC
V
CC
V
CC
(Note)
R6
100 K
Ω
FIGURE 7: ISD2532/40/48/64 APPLICATION EXAMPLE – PUSH-BUTTON
Note: Please refer to page 13 for more details.
Publication Release Date: June 2003
- 33 -
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com