Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 25 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 25 Page - Winbond

Back Button ISD2540 Datasheet HTML 21Page - Winbond ISD2540 Datasheet HTML 22Page - Winbond ISD2540 Datasheet HTML 23Page - Winbond ISD2540 Datasheet HTML 24Page - Winbond ISD2540 Datasheet HTML 25Page - Winbond ISD2540 Datasheet HTML 26Page - Winbond ISD2540 Datasheet HTML 27Page - Winbond ISD2540 Datasheet HTML 28Page - Winbond ISD2540 Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
ISD2532/40/48/64
10.2. PARAMETERS FOR DIE
TABLE 10: DC PARAMETERS – Die
PARAMETERS
SYMBOL
MIN
[2]
TYP
[1]
MAX
[2]
UNITS
CONDITIONS
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOL = 4.0 mA
Output High Voltage
VOH
VCC - 0.4
V
IOH = -10 µA
OVF
Output High Voltage
VOH1
2.4
V
IOH = -1.6 mA
EOM
Output High Voltage
VOH2
VCC – 1.0
VCC -
0.8
V
IOH = -3.2 mA
VCC Current (Operating)
ICC
25
30
mA
REXT = ∞
[3]
VCC Current (Standby)
ISB
1
10
µA
[2]
Input Leakage Current
IIL
±1
µA
Input Current HIGH w/Pull
Down
IILPD
130
µA
Force VCC
[4]
Output Load Impedance
REXT
16
Ω
Speaker Load
Preamp IN Input
Resistance
RMIC
4
9
15
KΩ
MIC and MIC
REF Pads
AUX IN Input Resistance
RAUX
5
11
20
KΩ
ANA IN Input Resistance
RANA IN
2.3
3
5
KΩ
Preamp Gain 1
APRE1
21
24
26
dB
AGC = 0.0V
Preamp Gain 2
APRE2
-15
5
dB
AGC = 2.5V
AUX IN/SP+ Gain
AAUX
0.98
1.0
V/V
ANA IN to SP+/- Gain
AARP
21
23
26
dB
AGC Output Resistance
RAGC
2.5
5
9.5
KΩ
Notes:
[1]
Typical values @ TA = 25°C and VCC = 5.0V.
[2]
All Min/Max limits are guaranteed by Winbond via electrical testing or characterization. Not all specifications are 100
percent tested.
[3]
VCCA and VCCD connected together.
[4]
XCLK pad only.
Publication Release Date: June 2003
- 25 -
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com