Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 35 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 35 Page - Winbond

Back Button ISD2540 Datasheet HTML 31Page - Winbond ISD2540 Datasheet HTML 32Page - Winbond ISD2540 Datasheet HTML 33Page - Winbond ISD2540 Datasheet HTML 34Page - Winbond ISD2540 Datasheet HTML 35Page - Winbond ISD2540 Datasheet HTML 36Page - Winbond ISD2540 Datasheet HTML 37Page - Winbond ISD2540 Datasheet HTML 38Page - Winbond ISD2540 Datasheet HTML 39Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
ISD2532/40/48/64
12. PACKAGE DRAWING AND DIMENSIONS
12.1. 28-LEAD 300-MIL PLASTIC SMALL OUTLINE IC (SOIC)
28 27 26 25 24 23 22 21 20 19 18 17 16 15
1 2 3 45 6 7 8 910 11 12 13 14
A
D
E
F
B
G
C
H
INCHES
MILLIMETERS
Min
Nom
Max
Min
Nom
Max
A
0.701
0.706
0.711
17.81
17.93
18.06
B
0.097
0.101
0.104
2.46
2.56
2.64
C
0.292
0.296
0.299
7.42
7.52
7.59
D
0.005
0.009
0.0115
0.127
0.22
0.29
E
0.014
0.016
0.019
0.35
0.41
0.48
F
0.050
1.27
G
0.400
0.406
0.410
10.16
10.31
10.41
H
0.024
0.032
0.040
0.61
0.81
1.02
Note: Lead coplanarity to be within 0.004 inches.
Publication Release Date: June 2003
- 35 -
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com