Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 29 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 29 Page - Winbond

Back Button ISD2540 Datasheet HTML 25Page - Winbond ISD2540 Datasheet HTML 26Page - Winbond ISD2540 Datasheet HTML 27Page - Winbond ISD2540 Datasheet HTML 28Page - Winbond ISD2540 Datasheet HTML 29Page - Winbond ISD2540 Datasheet HTML 30Page - Winbond ISD2540 Datasheet HTML 31Page - Winbond ISD2540 Datasheet HTML 32Page - Winbond ISD2540 Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
ISD2532/40/48/64
10.3. PARAMETERS FOR PUSH-BUTTON MODE
TABLE 12: PARAMETERS FOR PUSH-BUTTON MODE
PARAMETERS
SYMBOL
MIN
[2]
TYP
[1]
MAX
[2]
UNITS
CONDITIONS
CE
Pulse Width
(Start/Pause)
TCE
300
nsec
Control/Address Setup Time
TSET
300
nsec
Power-Up Delay
ISD2532
ISD2540
ISD2548
ISD2564
TPUD
25.0
31.25
37.25
50.0
msec
msec
msec
msec
PD Pulse Width (Stop/Restart) TPD
300
nsec
CE
to EOM HIGH
TRUN
25
400
nsec
CE
to EOM LOW
TPAUSE
50
400
nsec
CE
HIGH Debounce
ISD2532
ISD2540
ISD2548
ISD2564
TDB
70
85
105
135
105
135
160
215
msec
msec
msec
msec
Notes:
[1]
Typical values @ TA = 25°C, VCC = 5.0V and timing measured at 50% levels.
[2]
All Min/Max limits are guaranteed by Winbond via electrical testing or characterization. Not all specifications are 100
percent tested.
Publication Release Date: June 2003
- 29 -
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com