Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 20 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 20 Page - Winbond

Back Button ISD2540 Datasheet HTML 16Page - Winbond ISD2540 Datasheet HTML 17Page - Winbond ISD2540 Datasheet HTML 18Page - Winbond ISD2540 Datasheet HTML 19Page - Winbond ISD2540 Datasheet HTML 20Page - Winbond ISD2540 Datasheet HTML 21Page - Winbond ISD2540 Datasheet HTML 22Page - Winbond ISD2540 Datasheet HTML 23Page - Winbond ISD2540 Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
ISD2532/40/48/64
9.1 OPERATING CONDITIONS
TABLE 6: OPERATING CONDITIONS (DIE)
CONDITIONS
VALUES
Commercial operating temperature range
0
°C to +50°C
Supply voltage (VCC)
[1]
+4.5V to +6.5V
Ground voltage (VSS)
[2]
0V
TABLE 7: OPERATING CONDITIONS (PACKAGED PARTS)
CONDITIONS
VALUES
Commercial operating temperature range
[3]
0
°C to +70°C
Supply voltage (VCC)
[1]
+4.5V to +5.5V
Ground voltage (VSS)
[2]
0V
Notes:
[1] V
CC = VCCA = VCCD
[2] V
SS = VSSA = VSSD
[3] Case Temperature
- 20 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com