Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 31 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 31 Page - Winbond

Back Button ISD2540 Datasheet HTML 27Page - Winbond ISD2540 Datasheet HTML 28Page - Winbond ISD2540 Datasheet HTML 29Page - Winbond ISD2540 Datasheet HTML 30Page - Winbond ISD2540 Datasheet HTML 31Page - Winbond ISD2540 Datasheet HTML 32Page - Winbond ISD2540 Datasheet HTML 33Page - Winbond ISD2540 Datasheet HTML 34Page - Winbond ISD2540 Datasheet HTML 35Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
ISD2532/40/48/64
TABLE 13: APPLICATION EXAMPLE – BASIC DEVICE CONTROL
Control Step
Function
Action
1
Power up chip and select Record/Playback Mode
1. PD = LOW, 2. P/ R = As desired
2
Set message address for record/playback
Set addresses A0-A8
3A
Begin playback
P/ R = HIGH, CE = Pulse LOW
3B
Begin record
P/ R = LOW, CE = LOW
4A
End playback
Automatic
4B
End record
PD or CE = HIGH
TABLE 14: APPLICATION EXAMPLE – PASSIVE COMPONENT FUNCTIONS
Parts
Function
Comments
R1
Microphone power supply decoupling
Reduces power supply noise
R2
Release time constant
Sets release time for AGC
R3, R5
Microphone biasing resistors
Provides biasing for microphone operation
R4
Series limiting resistor
Reduces level to prevent distortion at
higher supply voltages
R6
Series limiting resistor
Reduces level to high supply voltages
C1, C5
Microphone DC-blocking capacitor Low-
frequency cutoff
Decouples microphone bias from chip.
Provides single-pole low-frequency cutoff
and command mode noise rejection.
C2
Attack/Release time constant
Sets attack/release time for AGC
C3
Low-frequency cutoff capacitor
Provides additional pole for low-frequency
cutoff
C4
Microphone power supply decoupling
Reduces power supply noise
C6, C7, C8
Power supply capacitors
Filter and bypass of power supply
Publication Release Date: June 2003
- 31 -
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com