Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 39 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 39 Page - Winbond

Back Button ISD2540 Datasheet HTML 34Page - Winbond ISD2540 Datasheet HTML 35Page - Winbond ISD2540 Datasheet HTML 36Page - Winbond ISD2540 Datasheet HTML 37Page - Winbond ISD2540 Datasheet HTML 38Page - Winbond ISD2540 Datasheet HTML 39Page - Winbond ISD2540 Datasheet HTML 40Page - Winbond ISD2540 Datasheet HTML 41Page - Winbond ISD2540 Datasheet HTML 42Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
ISD2532/40/48/64
ISD2532/40/48/64 PRODUCT PAD DESIGNATIONS
(with respect to die center)
Pad
Pad Name
X Axis (µm)
Y Axis (µm)
OVF
Overflow Output
1675.95
1779.38
CE
Chip Enable Input
1728.08
2114.25
PD
Power Down Input
1731.83
2383.88
EOM
End of Message
1342.20
2411.63
XCLK
No Connect (optional)
987.83
2450.63
P/ R
Playback/Record
808.58
2453.25
VCCD
VCC Digital Power Supply
546.08
2449.13
A0
Address 0
-896.55
2425.13
A1
Address 1
-1114.05
2425.13
A2
Address 2
-1329.68
2425.13
A3
Address 3
-1542.68
2425.13
A4
Address 4
-1639.05
2178.75
A5
Address 5
-1696.80
1960.88
A6
Address 6
-1696.80
1731.38
NC
NC
-1729.80
-1875.75
A7
Address 7
-1729.80
-2061.00
A8
Address 8
-1729.80
-2343.38
AUX IN
Auxiliary Input
-1408.80
-2408.25
VSSD
VSS Digital Power Supply
-1111.43
-2388.75
VSSA
VSS Analog Power Supply
-406.43
-2431.13
SP+
Speaker Output +
-46.05
-2360.25
SP-
Speaker Output -
388.20
-2360.25
V
VCC Analog Power Supply
747.83
-2403.00
MIC
Microphone Input
1102.58
-2438.63
MIC REF
Microphone Reference
1296.08
-2438.63
AGC
Automatic Gain Control
1667.70
-2422.88
ANA IN
Analog Input
1729.95
-1946.63
ANA OUT
Analog Output
1702.20
-1703.63
CCA
Publication Release Date: June 2003
- 39 -
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com