Electronic Components Datasheet Search
  English  ▼

X  

ISD2540 Datasheet(PDF) 23 Page - Winbond

Part # ISD2540
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2540 Datasheet(HTML) 23 Page - Winbond

Back Button ISD2540 Datasheet HTML 19Page - Winbond ISD2540 Datasheet HTML 20Page - Winbond ISD2540 Datasheet HTML 21Page - Winbond ISD2540 Datasheet HTML 22Page - Winbond ISD2540 Datasheet HTML 23Page - Winbond ISD2540 Datasheet HTML 24Page - Winbond ISD2540 Datasheet HTML 25Page - Winbond ISD2540 Datasheet HTML 26Page - Winbond ISD2540 Datasheet HTML 27Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
ISD2532/40/48/64
TABLE 9: AC PARAMETERS – Packaged Parts (Cont’d)
CHARACTERISTIC
SYMBOL
MIN
[2]
TYP
[1]
MAX
[2]
UNITS
CONDITIONS
PD Pulse Width (record)
ISD2532
ISD2540
ISD2548
ISD2564
TPDR
25.0
31.25
37.5
50.0
msec
msec
msec
msec
PD Pulse Width (Play)
ISD2532
ISD2540
ISD2548
ISD2564
TPDP
12.5
15.625
18.75
25.0
msec
msec
msec
msec
PD Pulse Width (Static)
TPDS
100
nsec
[6]
Power Down Hold
TPDH
0
nsec
EOM Pulse Width
ISD2532
ISD2540
ISD2548
ISD2564
TEOM
12.5
15.625
18.75
25.0
msec
msec
msec
msec
Overflow Pulse Width
TOVF
6.5
µsec
Total Harmonic Distortion
THD
1
2
%
@ 1 kHz
Speaker Output Power
POUT
12.2
50
mW
REXT = 16 Ω
[4]
Voltage Across Speaker Pins
VOUT
2.5
V p-p
REXT = 600 Ω, Aux In=1.25Vp-p
MIC Input Voltage
VIN1
20
mV
Peak-to-Peak
[5]
ANA IN Input Voltage
VIN2
50
mV
Peak-to-Peak
AUX Input Voltage
VIN3
1.25
V
Peak-to-Peak; REXT = 16 Ω
Notes:
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
Typical values @ TA = 25ºC, VCC = 5.0V and timing measured at 50% levels.
All Min/Max limits are guaranteed by Winbond via electrical testing or characterization. Not all specifications are 100 percent tested.
Low-frequency cutoff depends upon the value of external capacitors (see Pin Descriptions)
From AUX IN; if ANA IN is driven at 50 mV p-p, the POUT = 12.2 mW, typical.
With 5.1 K Ω series resistor at ANA IN.
TPDS is required during a static condition, typically overflow.
Sampling Frequency and Duration can vary as much as
±2.25 percent over the commercial temperature range. For greater stability, an
external clock can be utilized (see Pin Descriptions)
Filter specification applies to the antialiasing filter and the smoothing filter. Therefore, from input to output, expect a 6 dB drop by nature of
passing through both filters.
Publication Release Date: June 2003
- 23 -
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com