Electronic Components Datasheet Search
  English  ▼

X  

AS5171 Datasheet(PDF) 10 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 10 Page - ams AG

Back Button AS5171 Datasheet HTML 6Page - ams AG AS5171 Datasheet HTML 7Page - ams AG AS5171 Datasheet HTML 8Page - ams AG AS5171 Datasheet HTML 9Page - ams AG AS5171 Datasheet HTML 10Page - ams AG AS5171 Datasheet HTML 11Page - ams AG AS5171 Datasheet HTML 12Page - ams AG AS5171 Datasheet HTML 13Page - ams AG AS5171 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Absolute Maximum R atings
Figure 12:
Electrical and Timing Characteristics PWM Output (AS5171B)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PWMSSOCG
Short-circuit output
current
OUT = GND
-20
-10
-5
mA
PWMSSOCV
Short-circuit output
current
OUT = VDD
5
10
20
mA
PWMSSDT
PWM short-circuit
detection time
OUT = GND or
OUT = VDD
5
% PWM
clock cycle
PWMSSRT
PWM short circuit
recovery time
6
% PWM
clock cycle
BKPWMVOH
PWM output voltage
high in broken condition
Broken VDD or broken
GND, OUT = high,
PWMVOH=VDD-VOUT
RPU = 10kΩ or
RPD = 10kΩ
00.4
V
BKPWMVOL
PWM output voltage low
in broken condition
Broken VDD or broken
GND, OUT = low,
RPU = 10kΩ or
RPD = 10kΩ
00.4
V
PWMF7
PWM frequency
PWMFR = 111
112.5
125
137.5
Hz
PWMF6
PWM frequency
PWMFR = 110
180
200
220
Hz
PWMF5
PWM frequency
PWMFR = 101
225
250
275
Hz
PWMF4
PWM frequency
PWMFR = 100
360
400
440
Hz
PWMF3
PWM frequency
PWMFR = 011
450
500
550
Hz
PWMF2
PWM frequency
PWMFR = 010
720
800
880
Hz
PWMF1
PWM frequency
PWMFR = 001
900
1000
1100
Hz
PWMF0
PWM frequency
PWMFR = 000
1800
2000
2200
Hz
PWMVOH
PWM output voltage
level high
IOUT = 5 mA,
PWMVOH = VDD - VOUT
00.4
V
PWMVOL
PWM output voltage
level high
IOUT = 5 mA
0
0.4
V
PWMSRF
PMM slew rate fast
Between 25% and 75%
of VDD,
RPUOUT = 4.7kΩ,
CLOUT1 = 4.7nF,
PWMSR = 0
12
4
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com